Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2.2 Datasheet(PDF) 1 Page - SOVICO corp.

Part # D2.2
Description  2 Channel Power Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.

D2.2 Datasheet(HTML) 1 Page - SOVICO corp.

  D2.2 Datasheet HTML 1Page - SOVICO corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
소비 전력
250W
2020.11
410W*2ch
1400W
1500W
1500W
810W*2ch
1200W*2ch
2.7


Similar Part No. - D2.2

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
D2.0 SOVICO-D2.0 Datasheet
1Mb / 1P
2 Channel Power Amplifier
2020.11
D2.1 SOVICO-D2.1 Datasheet
1Mb / 1P
2 Channel Power Amplifier
2020.11
logo
PANDUIT CORP.
D2.5X3LG6 PANDUIT-D2.5X3LG6 Datasheet
379Kb / 2P
Type C Wiring Duct Cover with Protective Film
logo
Intersil Corporation
D2.92683 INTERSIL-D2.92683 Datasheet
105Kb / 3P
Intelligent Digital Amplifier and Sound Processor
More results

Similar Description - D2.2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2206BN SAMSUNG-KA2206BN Datasheet
81Kb / 5P
2-CHANNEL POWER AMPLIFIER
logo
Sanyo Semicon Device
LA4276 SANYO-LA4276 Datasheet
75Kb / 6P
3 W 2-Channel Power Amplifier
LA4278 SANYO-LA4278 Datasheet
74Kb / 6P
10 W 2-Channel Power Amplifier
LA4508 SANYO-LA4508 Datasheet
219Kb / 7P
8.5W 2-Channel AF Power Amplifier
LA4635B SANYO-LA4635B Datasheet
25Kb / 3P
2-Channel BTL AF Power Amplifier
LA6518M SANYO-LA6518M Datasheet
64Kb / 4P
2-Channel Power Operational Amplifier
STK4174MK2 SANYO-STK4174MK2 Datasheet
283Kb / 7P
2 CHANNEL 40W POWER AMPLIFIER
logo
ON Semiconductor
LA4814JA ONSEMI-LA4814JA Datasheet
408Kb / 16P
2-Channel Power Amplifier
May, 2013
EN6632A ONSEMI-EN6632A Datasheet
221Kb / 8P
20W 2-Channel BTL Power Amplifier
May, 2013
LA4628 ONSEMI-LA4628 Datasheet
221Kb / 8P
2-Channel BTL Power Amplifier
May, 2013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com