Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC3004 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC3004
Description  Crosspoint Switch with Integrated Equalization
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC3004 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC3004 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC3004 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VSC3004, VSC3008
The VSC3004 is a 4x4 Crosspoint Switch with Integrated Equalization
The VSC3008 is a 8x8 Crosspoint Switch with Integrated Equalization
APPLICA TIONS:
Loop-back Switch
Protection Switching
Fan-out Buffering
Cable Driver/Receiver
Wire Re-ordering
FEA TURES:
11Gbps Non-Return-to-Zero (NRZ) Data Bandwidth
Quad (3004) & Octal (3008) Offerings
Flexible Switching Options: Multicast, Loop Back,
and Snoop Capability
User Programmable Input Signal Equalization
User Programmable Output Pre-emphasis
Asynchronous Operation
Simple Programming Interface
.
NETWORK PRODUCTS
PB-VSC3004,3008-001
BENEFITS:
Supports Latest Communications Protocols
Selection of Size Based on System Needs
Allows Great Flexibility in Routing/Fanning Signals
Flexibility in Signal Attenuation of Incoming Signals
Flexibility in Signal Attenuation of Outgoing Signals
Protocol-transparent Operation w/o External Reference Clock
Simpler System Design
SPECIFICA TIONS:
0 to 11 Gbps Data Rate
20ps Added Jitter
10ps Channel to Channel Skew
2.5V Power Supply with a 3.3V Option
50ps Output Rise/Fall Time
50
Ω Output Source Termination
100
Ω Input Differential Termination
250mW Per Channel Power Dissipation
100mV – 2400mV Input Signal Range
550mV – 1100mV Programmable Output Swing
VSC3008 BLOCK DIAGRAM:
Programming Interface
PRBS
Generator/Detector
Switch Configuration Register
Switch Core
Y[7:0] VSC3008
A[7:0] VSC3008
RESET
ADDR[5:0]
DATA[3:0]
PRBS_OUT
PRBS_ERR
PRBS_IN
PRBS_CLK
WR
RD


Similar Part No. - VSC3004

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC3040 VITESSE-VSC3040 Datasheet
561Kb / 2P
11 Gbps 144 횞 144 Asynchronous Crosspoint Switch
More results

Similar Description - VSC3004

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC3104 VITESSE-VSC3104 Datasheet
446Kb / 2P
crosspoint switch with integrated equalization
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Micrel Semiconductor
SY56023R MICREL-SY56023R Datasheet
508Kb / 12P
Low Voltage 1.2V/1.8V/2.5V CML 2x2 Crosspoint Switch 6.4Gbps with Equalization
SY56023R MICREL-SY56023R_12 Datasheet
499Kb / 12P
Low Voltage 1.2V/1.8V/2.5V CML 2x2 Crosspoint Switch 6.4Gbps with Equalization
logo
Texas Instruments
DS25CP102 TI1-DS25CP102 Datasheet
925Kb / 19P
3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Semtech Corporation
GX3146 SEMTECH-GX3146 Datasheet
1Mb / 46P
Crosspoint Switch with Trace Equalization and Output De-emphasis
GX3190 SEMTECH-GX3190 Datasheet
1Mb / 47P
Crosspoint Switch with Trace Equalization and Output De-emphasis
GX3202 SEMTECH-GX3202 Datasheet
3Mb / 49P
Crosspoint Switch with Trace Equalization and Output De-emphasis
GX3246 SEMTECH-GX3246 Datasheet
1Mb / 47P
Crosspoint Switch with Trace Equalization and Output De-emphasis
logo
Texas Instruments
DS25CP104A TI1-DS25CP104A_15 Datasheet
1Mb / 31P
3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com