Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC3208 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC3208
Description  4, 8 and 12 Port 155 Mbps to 4.25 Gbps Crosspoint Switches with CDR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC3208 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC3208 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC3208 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4, 8 and 12 Port 155 Mbps to 4.25 Gbps Crosspoint Switches with CDR
NETWORK PRODUCTS
PB-VSC3204/08/12-001
VSC3204,VSC3208,VSC3212
FEA TURES:
4155 Mbps to 4.25 Gbps Data Bandwidth
4Per Channel Clock/Data Recovery
4Two-wire Serial Programming
4User Programmable Input and Output Equalization
4Single Reference Clock with Per Channel Clock Dividers
4Protocol Transparent Operation
4Per Channel Pattern Generation and Detection [for
Channel Diagnostics]
BENEFITS:
4Supports Latest High Speed Protocols Including SAS,
SATA, Gigabit Ethernet and Fibre Channel
4Addresses Random Jitter Clean-up
4Simple Operation and Control
4Multi-rate Operation on Same Chip
APPLICA TIONS:
4Box-to-box Communications
4Line Driver or Receiver
4Backplane Signal Fanout, Driver or Receiver
4Cable Signal Fanout, Driver or Receiver
SPECIFICA TIONS:
4Protocol Transparant 155 Mbps to 4.25 Gbps Data Rate
44-port (VSC3204), 8-port (VSC3208) and 12-port ( VSC3212) devices with CDR
4Two Wire Serial Interface and Single Ref Clock
BLOCK DIAGRAM:
Input
SerDes
Clock
Generator
I2C/SPI
Interface
PRBS
Det.
PRBS
Gen.
FIFO
Output
SerDes
Switch
Core
Register Map Select
Mode Select MUX
VSC3108
Compatible
Register Map
Expandable,
Page-Based
Register Map
Control
Signal
Ref.
Clock
Mode


Similar Part No. - VSC3208

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC3004 VITESSE-VSC3004 Datasheet
456Kb / 2P
Crosspoint Switch with Integrated Equalization
VSC3008 VITESSE-VSC3008 Datasheet
456Kb / 2P
Crosspoint Switch with Integrated Equalization
VSC3040 VITESSE-VSC3040 Datasheet
561Kb / 2P
11 Gbps 144 횞 144 Asynchronous Crosspoint Switch
VSC3104 VITESSE-VSC3104 Datasheet
446Kb / 2P
crosspoint switch with integrated equalization
VSC3108 VITESSE-VSC3108 Datasheet
446Kb / 2P
crosspoint switch with integrated equalization
More results

Similar Description - VSC3208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET2501PA TI-ONET2501PA Datasheet
187Kb / 8P
155-Mbps TO 2.5-Gbps LIMITING AMPLIFIER
ONET4201LD TI-ONET4201LD Datasheet
1Mb / 26P
155-Mbps to 4.25-Gbps LASER DRIVER
ONET3301PA TI-ONET3301PA Datasheet
253Kb / 12P
155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER
ONET4201PA TI-ONET4201PA Datasheet
867Kb / 17P
155 Mbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
ONET4211LD TI-ONET4211LD Datasheet
1Mb / 26P
155 Mbps to 4.25 Gbps LASER DRIVER
ONET2511PA TI-ONET2511PA Datasheet
624Kb / 14P
155-mbps to 2.5-gbps Limiting amplifier
logo
Analog Devices
ADN4600 AD-ADN4600 Datasheet
1Mb / 28P
4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
REV. 0
logo
Texas Instruments
ONET3301PARGTRG4 TI-ONET3301PARGTRG4 Datasheet
924Kb / 18P
155-Mbps To 3.3-Gbps LIMTING AMPLIFIER
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com