Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7108 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7108
Description  Quad Signal Conditioner, Octal Signal Conditioner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7108 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7108 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7108 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
The VSC7108 and VSC7104 are Signal
Conditioners designed to carry broadband
data streams, enabling next generation
backplane designs and extending the life
of existing backplanes. The function of
these devices is simple yet powerful,
creating multiple applications just about anywhere high-
speed signals are present.
The integrated equalization capabilities at both the input and
output effectively absorb the effects of signal loss through
copper interconnect, either printed circuit board traces or
cable. A high degree of signal integrity is maintained
throughout the chip by fully differential signal paths. The
signal path is unregistered and fully asynchronous so that
there are no restrictions on the phase, frequency, or signal
pattern on any input. Each high-speed output is a fully
differential switched current driver with on-die terminations
for maximum signal integrity.
GENERAL DESCRIPTION:
VSC7104 – Quad Signal Conditioner, VSC7108 – Octal Signal Conditioner
VSC7104,VSC7108
Lossy Backplane
Cable
7108
7108
ASIC
ASIC
Serial Repeater as a Multiple Rate/Multiple Protocol Serializer with Signal Clean-Up
Copper Cable
VSC7104
VSC7104
Copper Cable
4x1.0 - 4.25Gb/s
.
VSC7104
VSC7104
4x1.0 - 4.25Gb/s
.
4x1.0 - 4.25Gb/s
.
4x1.0 - 4.25Gb/s
.
1.25Gbps
2.5Gbps
3.125Gbps
4.25Gbps
VSC7104
VSC7104
1.25Gbps
2.5Gbps
3.125Gbps
4.25Gbps
VSC7104
ASIC FPGA
with Integrated
SerDes
/
Signal Conditioning Application
For more information on Vitesse Products visit the Vitesse web site
at www.vitesse.com or contact Vitesse Sales at (800) VITESSE
or sales@vitesse.com
Vitesse, ASIC-Friendly, FibreTimer, TimeStream and Snoop Loop are trademarks of Vitesse Semiconductor Corporation.
All other trademarks or registered trademarks mentioned herein are the property of their respective holders. Vitesse
Semiconductor Corporation ("Vitesse") retains the right to make changes to its products or specifications to improve
performance, reliability or manufacturability. All information in this document, including descriptions of features,
functions, performance, technical specifications and availability, is subject to change without notice at any time.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com