Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7344 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7344
Description  Ethernet MAC with SPI-4.2 and XAUI Host Interfaces
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7344 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7344 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7344 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Trademarks
TM
Vitesse, ASIC-Friendly, FibreTimer, TimeStream, Snoop Loop, Super FEC, FOCUSConnect, Meigs-II, Meigs-IIe, Lansing, Campbell-I, Barrington,
PaceMaker, HOVCAT48, HOVCAT48e, HOVCAT192, HOVCAT192e, Micro PHY, FOCUS32, FOCUS16, IQ2200, NexSAS, VersaCAT, GigaStream, HawX,
SparX, StaX, VstaX, SimpliPHY, VeriPHY, ActiPHY, XFP PRO, SFP PRO, Smart-LINK, OctalMAC, EQ Technology are trademarks in the United States
and/or other jurisdictions of Vitesse Semiconductor Corporation. All other trademarks or registered trademarks mentioned herein are the property of their
respective holders.
Vitesse Semiconductor Corporation (“Vitesse”) retains the right to make changes to its products or specifications to improve performance, reliability or
manufacturability. All information in this document, including descriptions of features, functions, performance, technical specifications and availability, is
subject to change without notice at any time. While the information furnished herein is held to be accurate and reliable, no responsibility will be assumed by
Vitesse for its use. Furthermore, the information contained herein does not convey to the purchaser of microelectronic devices any license under the patent
right of any manufacturer.
Copyright © 2007
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
sales@vitesse.com
VSC7344 and VSC7346
SPI-4.2
or XAUI
NPU or
ASIC
24× 1GbE Line Card
20×
SGMII
4×
SerDes
Switch
Fabric
SFP Module
SFP Module
SFP Module
SFP Module
Barrington-II
VSC7344
VSC7346
Octal Cu PHY
Octal Cu PHY
Quad Cu PHY
GENERAL DESCRIPTION:
APPLICA TION DIAGRAM:
APPLICA TIONS:
Ethernet L2/L3 switches and routers
Ethernet aggregation
Ethernet over SONET
Ethernet over DWDM
Security appliances
Storage networks
Barrington-II (VSC7344) is an advanced Ethernet
MAC containing 24 10/100/1000 Ethernet ports with
integrated
SGMII
and
100/1000
optical
serializers/deserializers. The host interface can be
configured as SPI-4.2, one XAUI, or two XAUI
interfaces. Each SPI-4.2 and XAUI host interface
uses a SPI-4.2 status channel for flow control. To support the high
oversubscription factor, the Barrington-II has a set of advanced QoS
features.
When using the SPI-4.2 host interface, both XAUI ports are available for
use as 10 gigabit Ethernet line ports.
In addition to Barrington-II, Vitesse offers Schaumburg-II (VSC7346), an
advanced Ethernet MAC containing 12 10/100/1000 Ethernet ports. It has
the same features and functionality as Barrington-II.
Barrington-Il™ — 24 × 10/100/1000 and 2 × 10G Ethernet MAC with SPI-4.2 and XAUI Host Interfaces
Schaumburg-Il™ — 12 × 10/100/1000 and 1 × 10G Ethernet MAC with SPI-4.2 and XAUI Host Interfaces



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com