Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8513 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8513
Description  16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8513 Datasheet(HTML) 3 Page - Texas Instruments

  ADS8513 Datasheet HTML 1Page - Texas Instruments ADS8513 Datasheet HTML 2Page - Texas Instruments ADS8513 Datasheet HTML 3Page - Texas Instruments ADS8513 Datasheet HTML 4Page - Texas Instruments ADS8513 Datasheet HTML 5Page - Texas Instruments ADS8513 Datasheet HTML 6Page - Texas Instruments ADS8513 Datasheet HTML 7Page - Texas Instruments ADS8513 Datasheet HTML 8Page - Texas Instruments ADS8513 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.ti.com
ADS8513
SLAS486 – JUNE 2007
ELECTRICAL CHARACTERISTICS (continued)
At TA = -40°C to 85°C, fS = 40 kHz, +VA = +VBD = 5 V or VS = 5 V, and using internal reference and fixed resistors, unless
otherwise specified.
ADS8513I
ADS8513IB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Transition noise(2)
0.8
0.8
LSB
Gain Error
±0.2
±0.1
%
Full scale error(3)(4)
-0.5
0.5
-0.25
0.25
%
Full scale error drift
±7
±5
ppm/
°C
Full scale error(3)(4)
Ext. 2.5-V Ref
-0.5
0.5
-0.25
0.25
%
Full scale error drift
Ext. 2.5-V Ref
±0.5
±0.5
ppm/
°C
Bipolar zero error(3)
Bipolar ranges
-10
10
-5
5
mV
Bipolar zero error drift
Bipolar ranges
±0.5
±0.5
ppm/
°C
Unipolar zero error(3)
Unipolar ranges
-6
6
-6
6
mV
Unipolar zero error drift
Unipolar ranges
±0.5
±0.5
ppm/
°C
Recovery time to rated accuracy from
2.2-
μF Capacitor to CAP
1
1
ms
power down(5)
Power supply sensitivity
+4.75 V < VS < +5.25 V or
±8
±8
LSB
(VDIG = VANA = VS)
+4.75 V < +VA < +5.25 V
AC ACCURACY
SFDR
Spurious-free dynamic range
fIN = 1 kHz, ±10 V
90
100
96
102
dB(6)
THD
Total harmonic distortion
fIN = 1 kHz, ±10 V
-100
-90
-100
-96
dB
fIN = 1 kHz, ±10 V
83
88
87
89.9
SINAD
Signal-to-(noise+distortion)
dB
-60 dB Input
30
32
SNR
Signal-to-noise
fIN = 1 kHz, ±10 V
83
88
87
89.9
dB
Usable bandwidth(7)
130
130
kHz
Full-power bandwidth (-3 dB)
600
600
kHz
SAMPLING DYNAMICS
Aperture delay
40
40
ns
Aperture jitter
20
20
ps
Transient response
FS Step
5
5
μs
Overvoltage recovery(8)
750
750
ns
REFERENCE
Internal reference voltage
No load
2.48
2.5
2.52
2.48
2.5
2.52
V
Internal reference source current (must
1
1
μA
use external buffer)
Internal reference drift
8
8
ppm/
°C
External reference voltage range for
2.3
2.5
2.7
2.3
2.5
2.7
V
specified linearity
External reference current drain
External 2.5-V Ref
100
100
μA
DIGITAL INPUTS
VIL
Low-level input voltage
-0.3
+0.8
-0.3
+0.8
V
VIH
High-level input voltage
VD = VS or VD = +VBD
2.0
VD +0.3 V
2.0
VD +0.3 V
V
IIL
Low-level input current
VIL = 0 V
±10
μA
IIH
High-level input current
VIH = 5 V
±10
μA
DIGITAL OUTPUTS
Data format - Serial
Data coding - Binary 2's complement
(2)
Typical rms noise at worst case transitions.
(3)
As measured with fixed resistors. Adjustable to zero with external potentiometer.
(4)
Full scale error is the worst case of -Full Scale or +Full Scale untrimmed deviation from ideal first and last code transitions, divided by
the transition voltage (not divided by the full-scale range) and includes the effect of offset error.
(5)
This is the time delay after the ADS8513 is brought out of Power-Down mode until all internal settling occurs and the analog input is
acquired to rated accuracy. A Convert command after this delay will yield accurate results.
(6)
All specifications in dB are referred to a full-scale input.
(7)
Usable bandwidth defined as full-scale input frequency at which Signal-to-(Noise + Distortion) degrades to 60 dB.
(8)
Recovers to specified performance after 2 x FS input overvoltage.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS8513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com