Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT2131 Datasheet(PDF) 2 Page - Microtune,Inc

Part # MT2131
Description  RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROTUNE [Microtune,Inc]
Direct Link  http://www.microtune.com
Logo MICROTUNE - Microtune,Inc

MT2131 Datasheet(HTML) 2 Page - Microtune,Inc

  MT2131 Datasheet HTML 1Page - Microtune,Inc MT2131 Datasheet HTML 2Page - Microtune,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MT2131 SINGLE-CHIP TERRESTRIAL TUNER
PRODUCT BRIEF
MT2131 PB-00069 — Rev 1.1
October, 2006
Microtune, Inc., 2201 Tenth Street, Plano, TX 75074, USA
Tel: +1-972-673-1600, Fax: +1-972-673-1602, E-mail: sales@microtune.com, Web site: www.microtune.com
For a detailed list of office centers, sales offices, and sales representatives, visit our Web site at www.microtune.com
The information in this document is believed to be accurate and reliable. Microtune assumes no responsibility for any consequences arising from the use of this information, nor from any infringement of patents or
the rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or other rights of Microtune. The information in this publication replaces and supersedes all
information previously supplied, and is subject to change without notice. The customer is responsible for assuring that proper design and operating safeguards are observed to minimize inherent and procedural
hazards. Microtune assumes no responsibility for applications assistance or customer product design.
The devices described in this document are not authorized for use in medical, life-support equipment, or any other application involving a potential risk of severe property or environmental damage, personal injury,
or death without prior express written approval of Microtune. Any such use is understood to be entirely at the user’s risk.
Microtune is a registered trademark of Microtune, Inc. MicroTuner, MicroStreamer, VideoCaster, DataCaster, and the Microtune logo are trademarks of Microtune, Inc. All other trademarks belong to their
respective companies.
Microtune’s products are protected by one or more of the following U.S. patents: 5,625,325; 5,648,744; 5,717,730; 5,737,035; 5,739,730; 5,805,988; 5,847,612; 6,100,761; 6,104,242; 6,144,402; 6,163,684;
6,169,569; 6,172,378; 6,177,964; 6,211,745; 6,218,899; 6,268,778; 6,310,387; 6,323,736; 6,355,537; 6,429,502; 6,462,327; D469,742; 6,535,068; 6,580,313; 6,608,522; 6,631,257; 6,674,409; 6,714,776;
6,725,463, 6,744,308 B1; 6,771,124; 6,784,945; 6,804,099; 6,888,406; 6,891,435; 6,906,594; 6,920,182; 6,963,478; 6,973,288; D,469,742; DE10,011,662 and additional patents pending or filed.
Entire contents Copyright © 1996 - 2006 Microtune, Inc.
121505
RECOMMENDED OPERATING CONDITIONS
PARAMETER
MIN
TYP
MAX
UNIT
Second intermediate center
frequency (programmable)
30
57
MHz
Supply voltage 5V
4.75
5.0
5.25
V
Supply voltage 3.3V
3.15
3.3
3.45
V
Supply voltage ripple
15
mV
Operating junction temperature
125
°C
VGA output load impedance
300
Ω
Serial control clock
400
kHz
ABSOLUTE RATINGS
PARAMETER
MIN
MAX
UNIT
Supply voltage 5V
6
V
Supply voltage 3.3V
3.6
V
Storage temperature range
-50
+150
°C
Lead-free temperature
(soldering 4 seconds)
+260
°C
Input voltage
-0.3
VCC +0.3
V
UPCVCCF
IFVCC
VCC3V
GND
LO1LPF
LO1REG
LO1T1CM
LO1T2CM
LO1AVCC
FDCout
A0
A1
GPO
VGAoutp
VGAcntl
VGAVCC
VGAVCC
VGAinn
VGAinp
AFCin
PD2cap
PD1cap
DNCoutn
DNCoutp
11
10
9
8
7
12
6
5
3
4
1
2
26
27
28
29
30
25
31
32
34
33
36
35
Exposed paddle on
package bottom
TUNER ELECTRICAL CHARACTERISTICS
PARAMETER
MIN
TYP
MAX
UNIT
Power Supply
Active current 5V
240
mA
Active current 3.3V
95
mA
RF Signal Path
Input frequency range
48
1000
MHz
Noise figure (Off-Air mode)
6
dB
Voltage gain
42
dB
RF AGC range
55
dB
Image rejection
70
dBc
LO phase noise (10 kHz)
84
dBc/Hz
LO phase noise (100 kHz)
104
dBc/Hz
LO step size
50
kHz
IF VGA
Frequency range
30
57
MHz
Maximum output voltage
2.0
Vp-p
Maximum voltage gain
60
dB
IF AGC range
46
dB
Out-of-Band Amplifier (FDCA)
Frequency range
50
130
MHz
Maximum voltage gain
12
dB
Supply current 5V
30
mA
PLL
PLL
UPC
L01
L02
DNC
output
VGA
VGA
IF
OUTPUT
SERIAL DATA
CLOCK
SRO
SERIAL CONTROL
INTERFACE
OOB
Tuner
VLNA
Demod
AGC
RF INPUT
IF AGC
MT2131 Pin Diagram
MT2131 Block Diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com