Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7997 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7997
Description  10.7 Gb/s Transimpedance Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7997 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7997 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7997 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
741 Calle Plano
Camarillo, CA 93012
Tel: 805.388.3700
Fax: 805.388.7565
www.vitesse.com
For more information on Vitesse Products visit the Vitesse web site
at www.vitesse.com or contact Vitesse Sales at (800) VITESSE
or sales@vitesse.com
VSC7997, VSC7998
©2003 Vitesse Semiconductor Corporation
10.7 Gb/s Transimpedance Amplifier
SPECIFICA TIONS:
Single -5.2V Power Supply
2.2mAp-p Input Overload
Operating Temperature: -20C to +100C Junction
Die Size: 1.957 mm x 1.957 mm
The VSC7997 and VSC7998 are 10.7Gb/s high performance transim-pedance
amplifiers designed for use in optical communication networks including Sonet
OC-192/SDH STM-64 and 10G Ethernet fiber links. The devices are intended for
use with a photodetector and are capable of amplifying inputs currents of up to
2.2mA with low duty cycle distortion. The VSC7997 and VSC7998 are pin and
functionally compatible. The designer has the flexibility to choose between the
5KW (VSC7997) and the 1.4KW (VSC7998) differential transimpedance as
required by system architecture and performance.
The VSC7997 and VSC7998 amplifier consists of a transimpedance stage and a
single-to-differential output stage with a gain of 20dB and 11.4dB respectively.
An external photodetector is connected to the IIN input. Pins OUTP and OUTN
are the complementary data outputs. The high gain of the VSC7997 allows for a
direct connection to the VSC8174 CRU/Demux without the need for a post
amplifier.
To provide flexibility in setting the decision threshold of the limiting amplifier or
clock and data recovery circuit, the VSC7997 and VSC7998 utilize output offset
control and adjustment of the OUTP and OUTN. Pins FBIN, OFFP, and OFFN are
used for output offset control. The OFFP and OFFN outputs connected to ground
through 100nF capacitors provide the user with the DC component of the OUTP
and OUTN data outputs. An external circuit can be used to sense the OFFP and
OFFN outputs and then generate the appropriate DC voltage at the FBIN input to
set the DC offset between OUTP and OUTN.
GENERAL DESCRIPTIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com