Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8221 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with 1.25 Gbps SerDes / SGMII for SFPs / GBICs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8221 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC8221 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8221 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BENEFITS:
Only Gigabit Ethernet PHY That Enables Copper SFP Designers to Meet
the Stringent MSA Power Consumption Specification of < 1W
Eliminates External Regulators, Reducing System Costs
Removed 12 Passive Components, Reducing PCB Area and Cost by 50%
Lowest Power Mode Reduces Power Supply Costs
Connects to Serial MACs or Optical Modules and can be Used to Design
Copper SFP/GBIC Modules and 100BASE-FX Modules
Ensures Seamless Deployment Throughout Copper and Optical Networks with
Industry’s Highest Tolerance to Noise and Substandard Cabling Infrastructures
Simplifies Comprehensive In-system Test to Ensure the Highest Product
Quality
Ensures Trouble-free Deployment in Real World Ethernet Networks
Enables Network Manufacturers to Simplify Deployment and imProve
Network Management Capabilities of Gigabit Ethernet Links
Compatible with 1st Generation 1000BASE-T PHYs, Minimizing Common
Interoperability Problems
Reduces Power Consumption and System Costs
Most Cost Effective Technology Eliminates more Expensive Analog
Process Variants
FEA TURES:
Very Low Power Consumption at < 700mW
Single 3.3V Power Supply with On-chip Regulator
Patented, Low EMI Line Driver with Integrated Line Side
Termination Resistors
Supports PICMG 2.16 and 3.0 Ethernet Backplanes at Approximately
500mW
High Performance 1.25 Gbps SerDes Supports SGMII and SerDes to
Cat-5 Interfaces
Compliant with IEEE 802.3 (10BASE-T, 100BASE-TX, 1000BASE-T,
1000BASE-X) and SFP MSA Specifications
Full Suite of BIST, MAC, Far-end, and Connector Loopback Modes
Over 150m of Category-5 Reach with Industry’s Highest Noise
Tolerance
VeriPHY™ Cable Diagnostics Software Suite
Automatic Detection and Correction of Cable Pair Swaps, Pair Skew
and Pair Polarity, Along with Auto MDI/MDI-X Crossover Function
Several Flexible Power Management Modes
Manufactured in Advanced 0.13
µm, 3.3V/1.2V Digital CMOS Process
Single Port 10/100/1000BASE-T PHY with 1.25 Gbps SerDes / SGMII for SFPs / GBICs
ETHERNET PRODUCTS
PB-VSC8221-002
VSC8221
APPLICA TIONS:
Triple Speed Copper SFP/GBIC Modules
Media Converters
SFP/GBIC Serial Interface (SGMII or 802.3z SerDes) to Cat-5
3.3v
Optional EEPROM
Optional I/F for
Configuration
Cat-5 UTP
10/100/1000BASE-T
Quad
Transformer
Module
RJ-45
SerDes I/F
Vitesse VSC8221
10/100/1000BASE-T
Transceiver
SGMII
OR
802.3z SerDes
GBIC/SFP
Interface


Similar Part No. - VSC8221

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VSC8221 MICROSEMI-VSC8221 Datasheet
1Mb / 138P
Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
logo
Pulse A Technitrol Comp...
VSC8221 PULSE-VSC8221 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Microsemi Corporation
VSC8221HH MICROSEMI-VSC8221HH Datasheet
1Mb / 138P
Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
VSC8221XHH MICROSEMI-VSC8221XHH Datasheet
1Mb / 138P
Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
More results

Similar Description - VSC8221

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8234 VITESSE-VSC8234 Datasheet
432Kb / 2P
10/100/1000BASE-T PHY with SGMII and SerDes MAC Interfaces
VSC8201 VITESSE-VSC8201 Datasheet
487Kb / 21P
Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
VSC8211 VITESSE-VSC8211 Datasheet
470Kb / 2P
Single Port 10/100/1000BASE-T PHY and 1000BASE-X PHY with SGMII, SerDes, GMII, MII, TBI, RGMII / RTBI MAC Interfaces
VSC8558 VITESSE-VSC8558 Datasheet
236Kb / 2P
Octal Port 10/100/1000BASE-T and 1000BASE-X PHY
VSC8538XHJ VITESSE-VSC8538XHJ Datasheet
252Kb / 2P
Octal Port 10/100/1000BASE-T PHY
logo
Microsemi Corporation
VSC8504-01 MICROSEMI-VSC8504-01 Datasheet
1Mb / 136P
Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
VSC8504-02 MICROSEMI-VSC8504-02 Datasheet
1Mb / 131P
Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
VSC8221 MICROSEMI-VSC8221 Datasheet
1Mb / 138P
Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
VSC8658 MICROSEMI-VSC8658 Datasheet
703Kb / 95P
Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
Revision 4.1
VSC8584-11 MICROSEMI-VSC8584-11 Datasheet
2Mb / 248P
Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet, VeriTime™, Intellisec™, and QSGMII/SGMII MAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com