Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8558 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC8558
Description  Octal Port 10/100/1000BASE-T and 1000BASE-X PHY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8558 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC8558 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8558 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
The VSC8558 is a low power octal Gigabit
Ethernet transceiver ideal for mulit-port
switch and router applications. The device's
compact BGA package is optimal for
high-density switch applications. Vitesse's mixed signal and
DSP architecture yield robust performance, supporting both.
full and half duplex 10BASE-T, 100BASE-TX, and 1000BASE-T
over >140m of Category 5, unshielded twisted pair (UTP) cable,
with industry leading tolerance to NEXT, FEXT, Echo, and
system noise. The VSC8558's dual 1.25 Gbps SerDes per port
allows for simulatneous support of SGMII/1000BASE-X MACs
to SerDes or copper media on a per port basis.
GENERAL DESCRIPTION:
BLOCK DIAGRAM:
VSC8558
For more information on Vitesse Products visit the Vitesse web site
at www.vitesse.com or contact Vitesse Sales at (800) VITESSE
or sales@vitesse.com
©2005 Vitesse Semiconductor Corporation
Vitesse, ASIC-Friendly, FibreTimer, TimeStream and Snoop Loop are trademarks of Vitesse Semiconductor Corporation.
All other trademarks or registered trademarks mentioned herein are the property of their respective holders. Vitesse
Semiconductor Corporation ("Vitesse") retains the right to make changes to its products or specifications to improve
performance, reliability or manufacturability. All information in this document, including descriptions of features,
functions, performance, technical specifications and availability, is subject to change without notice at any time.
Octal Port 10/100/1000BASE-T and 1000BASE-X PHY
LED INTERFACE
10/100/
1000BASE-T
PCS
LED[3:0]_n
CLKOUT
REF_FILT_B
XTAL1/2
REF_REXT_B
MAC_TDP_n
MAC_TDN_n
MAC I/F
MAC_RDP_n
MAC_RDN_n
TXVP_A_n
TXVN_A_n
TXVP_B_n
TXVN_B_n
TXVP_C_n
TXVN_C_n
TXVP_D_n
TXVN_D_n
PLL
JTAG
MANAGEMENT
& CONTROL
INTERFACE
CMODE[7:0]
RESET
EECLK
EEDAT
MDINT_n
MDIO
MDC
MDI
Twisted Pair
Interface
10/100/
1000BASE-T
PMA
1000BASE-X
PCS
1000BASE-X
PMA
MDI
SerDes
Interface
REF_FILT_A
REF_REXT_A
SER_DOP_n
SER_DON_n
SER_DIP_n
SER_DIN_n
SIGDET_n /
GPIO[7:0]
GPIO[15:8]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com