Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8601 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC8601
Description  10/100/1000BASE-T PHY with RGMII and GMII MAC Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8601 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC8601 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8601 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Trademarks
TM
Vitesse, ASIC-Friendly, FibreTimer, TimeStream, Snoop Loop, Super FEC, FOCUSConnect, Meigs-II, Meigs-IIe, Lansing, Campbell-I, Barrington,
PaceMaker, HOVCAT48, HOVCAT48e, HOVCAT192, HOVCAT192e, Micro PHY, FOCUS32, FOCUS16, IQ2200, NexSAS, VersaCAT, GigaStream, HawX,
SparX, StaX, VstaX, SimpliPHY,VeriPHY, ActiPHY, XFP PRO, SFP PRO, Smart-LINK, OctalMAC, EQ Technology are trademarks in the United States and/or
other jurisdictions of Vitesse Semiconductor Corporation. All other trademarks or registered trademarks mentioned herein are the property of their respective
holders.
Vitesse Semiconductor Corporation (“Vitesse”) retains the right to make changes to its products or specifications to improve performance, reliability or
manufacturability. All information in this document, including descriptions of features, functions, performance, technical specifications and availability, is
subject to change without notice at any time. While the information furnished herein is held to be accurate and reliable, no responsibility will be assumed by
Vitesse for its use. Furthermore, the information contained herein does not convey to the purchaser of microelectronic devices any license under the patent
right of any manufacturer.
Copyright © 2007
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
sales@vitesse.com
VSC8601, VSC8641
VSC8641
LED Interface
10/100/
1000BASE-T
PCS
LED[3:0]
TXD[7:0]
TX_ER
R/GMII
MAC
Interface
Jumbo Packet
FIFO
TXVPA
TXVNA
TXVPB
TXVNB
TXVPC
TXVNC
TXVPD
TXVND
PLL
JTAG
CMODE[4:0]
RESET
EECLK
EEDAT
MDINT
MDIO
MDC
MDI
Twisted Pair
Interface
10/100/
1000BASE-T
PMA
REF_FILT
REF_REXT
TX_CLK
Power Regulation
REG_OUT
REG_EN
SRESET
MDI Reference
GTX_CLK
TX_EN
RXD[7:0]
RX_ER
RX_CLK
RX_DV
COL
CRS
CLKOUT
XTAL1
XTAL2
Management
and Control
Interface
GENERAL DESCRIPTION:
BLOCK DIAGRAM:
Designed for high-performance, low-power, and
low-cost Gigabit Ethernet, the VSC8601 and
VSC8641 are the industry’s lowest-power and most
highly integrated Gigabit Ethernet (GbE) PHYs. The
VSC8601 is optimized for Gigabit LAN on
Motherboard (GLOM) and Gigabit Ethernet switch
applications, while the VSC8641 is optimized for Gigabit Ethernet Passive
Optical Network (GE-PON) applications.
The devices feature integrated, line side termination to simplify PCB
design, maximize board space, and create a cleaner, higher-performance
product. To further reduce complexity, component count, and system cost,
they include an internal 1.2 V power regulator that operates on a single
3.3 V supply. Additionally, integrated RGMII timing compensation
eliminates the need for on-board delay lines.
Vitesse’s mixed signal and digital signal processing (DSP) architecture
assures robust performance. It supports both half-duplex and full-duplex
10BASE-T, 100BASE-TX, and 1000BASE-T communication speeds over
Category 5 (Cat5) unshielded twisted pair (UTP) cable at distances greater
than 140 m, displaying excellent tolerance to NEXT, FEXT, echo, and other
types of ambient environment and system electronic noise.
VSC8601 — 10/100/1000BASE-T PHY with RGMII MAC Interface
VSC8641 — 10/100/1000BASE-T PHY with RGMII and GMII MAC Interface



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com