Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC9191 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC9191
Description  100 Gbps (40 x 40) SONET/SDH TSI Switch with Dual Rate I/O
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC9191 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC9191 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC9191 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VSC9191
TRANSPORT PROCESSING
ITESSE
R
VPPD-01352
Revision 1.0
100 Gbps (40 x 40) SONET/SDH TSI Switch with Dual Rate I/O
40 x 40 TSI switch with non-blocking 1920 x 1920 STS-1 switch matrix
with 100 Gbps aggregate bandwidth.
Serial TSI-to-framer interface (TFI-5) operating at 2.488 Gbps with
STS-12 622.08 Mbps support.
Hitless reconfiguration of TSI mapping.
Automatic protection switching at STS-1 level.
Integrated clock synthesis with three reference frequencies: 78 MHz,
155 MHz, and 311 MHz.
66 MHz 16-bit microprocessor interface with four interface modes.
One-step connection programming.
Flexible split-frame domain support for folded fabrics.
Overhead monitor port.
33 mm, 613-pin FCBGA package.
Power dissipation < 6 W typical and < 8 W maximum.
Convenient size for maximum flexibility in building SONET/SDH and
Ethernet over SONET/SDH systems.
Dual rate I/O for interfacing to greater number of port cards.
Easy software management of switch-overs.
High reliability and rapid response eliminates external hardware expense.
Maximum flexibility to adapt to network system designs.
Convenient interface and control.
Easy software integration, rapid recovery, and fast switch times.
Enables use as an interface device for larger fabrics.
Convenient, enhanced quality monitoring and fault isolation.
Convenient packaging for higher density and design flexibility.
Low power for easy thermal design.
FEA TURES:
BENEFITS:
VSC9191
20x 2.5 Gbps or 622 Mbps
VSC9191
1920 X 1920
STS-1 TSI
100 Gbps TSI Switch (40 x 40 Links)
20x 2.5 Gbps or 622 Mbps
OH
Mon
CPU
IF
APS
20x 2.5 Gbps or 622 Mbps
20x 2.5 Gbps or 622 Mbps


Similar Part No. - VSC9191

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC9192 VITESSE-VSC9192 Datasheet
442Kb / 2P
340 Gb/s and 170 Gb/s OC-48 STS-1 Time-Slot Interchange Switches
VSC9195 VITESSE-VSC9195 Datasheet
442Kb / 2P
340 Gb/s and 170 Gb/s OC-48 STS-1 Time-Slot Interchange Switches
More results

Similar Description - VSC9191

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM8211 BOARDCOM-BCM8211 Datasheet
116Kb / 1P
2.488 GBPS SONET/ SDH TRANSCEIVER WITH INTERNAL LOOP TIMING
BCM8129 BOARDCOM-BCM8129 Datasheet
123Kb / 1P
MULTI RATE 10 GBPS SONET SDH / 10GE / FEC DEMUX
logo
List of Unclassifed Man...
SI5022 ETC1-SI5022 Datasheet
399Kb / 22P
MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
S3076 ETC1-S3076 Datasheet
158Kb / 18P
MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT
logo
Broadcom Corporation.
BCM8211 BOARDCOM-BCM8211_04 Datasheet
122Kb / 2P
2.488 GBPS SONET/SDH TRANSCEIVER WITH INTERNAL LOOP TIMING
logo
Silicon Laboratories
SI5023 SILABS-SI5023 Datasheet
781Kb / 28P
MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Vitesse Semiconductor C...
VSC8142 VITESSE-VSC8142 Datasheet
540Kb / 2P
2.5G Multi-rate SONET/SDH Transceiver Family
VSC9295 VITESSE-VSC9295 Datasheet
249Kb / 2P
340 Gbps (136 x 136) and 170 Gbps (68 x68) TSI Switches with Dual Rate (2.5G/622M) I/O
logo
Silicon Laboratories
SI5022 SILABS-SI5022 Datasheet
333Kb / 28P
MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Schneider Electric
ZB2BY2178 SCHNEIDER-ZB2BY2178 Datasheet
93Kb / 2P
legend - 횠 22 - 30 x 40 mm - O-I
Mar 23, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com