Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXMC635-DOC Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TXMC635-DOC
Description  Reconfigurable FPGA with 48 x TTL IO 32 x 16 bit Analog In / 8 x 16 bit Analog Out
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TXMC635-DOC Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TXMC635-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TXMC635-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TXMC635-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.4
2018-01-25
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
TEWS offers a well-documented basic FPGA Example
Application design. It includes an .ucf file with all
necessary pin assignments and basic timing constraints.
The example design covers the main functionalities of the
TXMC635.
It implements local bus interface to local bridge device,
register mapping, DDR3 memory access and basic I/O. It
comes as a Xilinx ISE project with source code and as a
ready-to-download bit stream.
Technical Information
 Form Factor: Standard single width XMC
 Board size: 149 mm x 74 mm
 PCI Express (Base Specification 1.1) compliant
interface conforming to ANSI/VITA 42.3-2006
 IPMI resource: FRU hardware definition information
stored in on-board EEPROM
 TXMC635-10R Xilinx XC6SLX45T-2 Spartan6 FPGA
 TXMC635-20R Xilinx XC6SLX100T-2 Spartan6 FPGA
 Serial Flash for FPGA Configuration
 FPGA clock options:
 Local clock generator as source for the FPGA
internal PLL
 1 DDR3 SDRAM bank, 64M x 16 (128 MB)
 Front I/O lines
 48 TTL I/O
TTL signaling voltage (maximum current: +/-32mA)
direction individually programmable
 8 channels single-ended 16 bit analog output
 Programmable output voltage: ±10V,
±10.2564V or ±10.5263V
 Conversion time: typ.10µs
 Factory calibration
 32 single ended or 16 differential analog inputs
 16 bit resolution
 Conversion time: 1.1µs
 User programmable input voltage range
 Factory calibration
 Back I/O lines
 64 single ended or 32 differential back I/O lines on
rear connector P14.
 3 FPGA Multi-Gigabit-Transceiver on rear
connector P16
 Operating temperature -40°C to +85°C
 MTBF (MIL-HDBK217F/FN2 GB 20°C): tbd.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com