Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXMC633-DOC Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TXMC633-DOC
Description  Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TXMC633-DOC Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TXMC633-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TXMC633-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TXMC633-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.3
2018-01-25
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
Technical Information
 Form Factor: Standard single-width XMC module
conforming to ANSI/VITA 42.0-2008
 Board size: 149 mm x 74 mm
 PCI Express (Base Specification 1.1) compliant
interface conforming to ANSI/VITA 42.3-2006
 IPMI resource: FRU hardware definition information
stored in on-board EEPROM
 TXMC633-1xR: Xilinx XC6SLX45T-2 Spartan6 FPGA
configured by serial Flash
TXMC633-2xR: Xilinx XC6SLX100T-2 Spartan6
FPGA configured by serial Flash
 FPGA clock options:
 Local clock generator as source for the FPGA
internal PLL
1 DDR3 SDRAM bank, 64M x 16 (128 MB)
 32 Mbit SPI-EEPROM for User Data and FPGA
configuration
 Front I/O lines
64 TTL I/O, or 32 differential I/O or 32 TTL I/O
and 16 differential I/O
 TTL compatible signaling voltage, EIA-422/-485
signaling level
or M-LVDS Standard (TIA/EIA-899)
 direction individually programmable
 Back I/O lines
64 FPGA I/Os on P14 and 3 FPGA Multi-Gigabit-
Transceiver on P16
 P14 with 64 single ended LVCMOS33 or 32
differential LVDS33 depends on Spartan6
Configuration
 I/O access:
 64 I/O lines on HD68 front connector
 64 I/O lines on P14 Mezzanine connector
 3 MGT RxTx lines on P16 Mezzanine connector
 Operating temperature -40°C to +85°C
 MTBF (MIL-HDBK217F/FN2 GB 20°C): 320000 h
TXMC633 Block Diagram



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com