Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9306D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9306D
Description  Dual bidirectional I2C-bus and SMBus voltage-level translator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9306D Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9306D Datasheet HTML 1Page - NXP Semiconductors PCA9306D Datasheet HTML 2Page - NXP Semiconductors PCA9306D Datasheet HTML 3Page - NXP Semiconductors PCA9306D Datasheet HTML 4Page - NXP Semiconductors PCA9306D Datasheet HTML 5Page - NXP Semiconductors PCA9306D Datasheet HTML 6Page - NXP Semiconductors PCA9306D Datasheet HTML 7Page - NXP Semiconductors PCA9306D Datasheet HTML 8Page - NXP Semiconductors PCA9306D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
PCA9306_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 21 February 2007
2 of 21
NXP Semiconductors
PCA9306
Dual bidirectional I2C-bus and SMBus voltage-level translator
All channels have the same electrical characteristics and there is minimal deviation from
one output to another in voltage or propagation delay. This is a benefit over discrete
transistor voltage translation solutions, since the fabrication of the switch is symmetrical.
The translator provides excellent ESD protection to lower voltage devices, and at the
same time protects less ESD-resistant devices.
2.
Features
I 2-bit bidirectional translator for SDA and SCL lines in mixed-mode I2C-bus applications
I Standard-mode, Fast-mode, and Fast-mode Plus I2C-bus and SMBus compatible
I Less than 1.5 ns maximum propagation delay to accommodate Standard mode and
Fast mode I2C-bus devices and multiple masters
I Allows voltage level translation between:
N 1.0 V Vref(1) and 1.8 V, 2.5 V, 3.3 V or 5 V Vbias(ref)(2)
N 1.2 V Vref(1) and 2.5 V, 3.3 V or 5 V Vbias(ref)(2)
N 1.8 V Vref(1) and 3.3 V or 5 V Vbias(ref)(2)
N 2.5 V Vref(1) and 5 V Vbias(ref)(2)
N 3.3 V Vref(1) and 5 V Vbias(ref)(2)
I Provides bidirectional voltage translation with no direction pin
I Low 3.5 Ω ON-state connection between input and output ports provides less signal
distortion
I Open-drain I2C-bus I/O ports (SCL1, SDA1, SCL2 and SDA2)
I 5 V tolerant I2C-bus I/O ports to support mixed-mode signal operation
I High-impedance SCL1, SDA1, SCL2 and SDA2 pins for EN = LOW
I Lock-up free operation for isolation when EN = LOW
I Flow through pinout for ease of printed-circuit board trace routing
I ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
I Packages offered: SO8, TSSOP8, VSSOP8, XQFN8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com