Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARD-410 Datasheet(PDF) 2 Page - Hanwha Vision Co., Ltd. All rights Reserved.

Part # ARD-410
Description  A series DVR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.

ARD-410 Datasheet(HTML) 2 Page - Hanwha Vision Co., Ltd. All rights Reserved.

  ARD-410 Datasheet HTML 1Page - Hanwha Vision Co., Ltd. All rights Reserved. ARD-410 Datasheet HTML 2Page - Hanwha Vision Co., Ltd. All rights Reserved. ARD-410 Datasheet HTML 3Page - Hanwha Vision Co., Ltd. All rights Reserved. ARD-410 Datasheet HTML 4Page - Hanwha Vision Co., Ltd. All rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ARD-410
Design and specifications are subject to change without notice. The latest product information / specification can be found at hanwha-security.com
© Hanwha Techwin Co., Ltd.
All rights reserved.2023-02
2/4
ARD-410
A series DVR
Specifications
Display
Analog camera
Inputs
4CH(1Vp-p 75ohm, BNC)
Signal Type
AHD(5MP Half, 4MP Half, 1080p)
HD TVI(5MP Half, 4MP Half, 1080p)
HD CVI(5MP Half, 4MP Half, 1080p)
CVBS(NTSC/PAL)
Network camera
Inputs
Additional 2CH (Max. 6CH)
Resolution
5MP ~ CIF
Protocols
SUNAPI(Wisenet), ONVIF
Live
Local Display
1x HDMI, 1x VGA
[Single Mode]
- HDMI: 3840 x 2160, 2560x1440, 1920x1080, 1280x1024,
1280x720
[Dual Mode] Clone
- HDMI: 1920x1080, 1280x1024, 1280x720
- VGA: 1920x1080, 1280x1024, 1280x720
Multi Screen Display
[Local monitor]
- Dynamic layout, Virtual channel view
- up to 6 division
[Web] 1 / 2 / 3 / 4 / 6 / 1+5 / 1+ 7 / 9
Resolution
[Analog Camera(NTSC/PAL)]
5MP(Half ), 4MP(Half), 2MP
[Network Camera]
- Typ. 2MP(120fps)
Performance
Operating System
Embedded
Linux
Record
Compression
H.265, H.264, MJPEG
Record Rate(Analog)
[Analog Camera(NTSC/PAL)]
5MP(5M Half 12fps/12fps)
4MP(4M Half 15fps/12fps)
2MP(2M 15fps/12fps)
* Half : Horizontal resolution 1/2
* Resolution higher than 2MP will only record half of the
resolution,
4MP will only record 2MP, and 5MP will only record 2.5MP
Recording Bandwidth
Max. 30Mbps
Resolution
5MP ~ CIF
Mode
Manual, Schedule (Continuous/Event), Event(Pre/Post),
Dual Track
Event Trigger
Alarm Input
Analog Camera : Video Loss, Motion Detection,Tampering
Network Camera : Camera Event (Sensor, MD, Video
analytics), VA event (Tampering, Enter / Exit, Passing,
Virtual- line, (Dis)Appear, Face Detection, Audio
detection), Defocus camera event, Dynamic camera event
Event Action
E-Mail, Event Push, PTZ Preset, Alarm Out, Buzzer,
Monitor Out, SUNAPI Command, FTP, Shutdown



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com