Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

29PL256N Datasheet(PDF) 49 Page - SPANSION

Part # 29PL256N
Description  256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

29PL256N Datasheet(HTML) 49 Page - SPANSION

Back Button 29PL256N Datasheet HTML 45Page - SPANSION 29PL256N Datasheet HTML 46Page - SPANSION 29PL256N Datasheet HTML 47Page - SPANSION 29PL256N Datasheet HTML 48Page - SPANSION 29PL256N Datasheet HTML 49Page - SPANSION 29PL256N Datasheet HTML 50Page - SPANSION 29PL256N Datasheet HTML 51Page - SPANSION 29PL256N Datasheet HTML 52Page - SPANSION 29PL256N Datasheet HTML 53Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
June 6, 2007 S29PL-N_00_A5
S29PL-N MirrorBit
™ Flash Family
49
Da ta
Shee t
(Prelim i nar y )
8.7
Hardware Data Protection Methods
The device offers data protection at the sector level via hardware control:
When WP#/ACC is at VIL, the four outermost sectors are locked (device specific).
There are additional methods by which intended or accidental erasure of any sectors can be prevented via
hardware means. The following subsections describes these methods:
8.7.1
WP# Method
The Write Protect feature provides a hardware method of protecting the four outermost sectors. This function
is provided by the WP#/ACC pin and overrides the previously discussed Sector Protection/Unprotection
method.
If the system asserts VIL on the WP#/ACC pin, the device disables program and erase functions in the
outermost boot sectors. The outermost boot sectors are the sectors containing both the lower and upper set
of sectors in a dual-boot-configured device.
If the system asserts VIH on the WP#/ACC pin, the device reverts to whether the boot sectors were last set to
be protected or unprotected. That is, sector protection or unprotection for these sectors depends on whether
they were last protected or unprotected.
Note that the WP#/ACC pin must not be left floating or unconnected as inconsistent behavior of the device
may result.
The WP#/ACC pin must be held stable during a command sequence execution
8.7.2
Low VCC Write Inhibit
When VCC is less than VLKO, the device does not accept any write cycles. This protects data during VCC
power-up and power-down.
The command register and all internal program/erase circuits are disabled, and the device resets to reading
array data. Subsequent writes are ignored until VCC is greater than VLKO. The system must provide the
proper signals to the control inputs to prevent unintentional writes when VCC is greater than VLKO.
8.7.3
Write Pulse Glitch Protection
Noise pulses of less than 3 ns (typical) on OE#, CE# or WE# do not initiate a write cycle.
8.7.4
Power-Up Write Inhibit
If WE# = CE# = RESET# = VIL and OE# = VIH during power up, the device does not accept commands on the
rising edge of WE#. The internal state machine is automatically reset to the read mode on powerup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com