Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2807 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2807
Description  RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise 200mA/30mA LDO Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2807 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2807 Datasheet HTML 3Page - Micrel Semiconductor MIC2807 Datasheet HTML 4Page - Micrel Semiconductor MIC2807 Datasheet HTML 5Page - Micrel Semiconductor MIC2807 Datasheet HTML 6Page - Micrel Semiconductor MIC2807 Datasheet HTML 7Page - Micrel Semiconductor MIC2807 Datasheet HTML 8Page - Micrel Semiconductor MIC2807 Datasheet HTML 9Page - Micrel Semiconductor MIC2807 Datasheet HTML 10Page - Micrel Semiconductor MIC2807 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Micrel, Inc.
MIC2807
January 2007
7
M9999-013007-A
Typical Characteristics (LDO1/LDO2)
0
5
10
15
20
25
30
35
3
6 9 1215 18 2124 27 30
OUTPUT CURRENT (mA)
LDO2 Dropout Voltage
vs. Output Current
VOUT = 2.8V
2.800
2.802
2.804
2.806
2.808
0
5
10
15
20
25
30
OUTPUT CURRENT (mA)
LDO2 Load Regulation
VIN = 3.6V
COUT = 1µF
2.790
2.795
2.800
2.805
2.810
LDO2 Line Regulation
INPUT VOLTAGE (V)
2.7
IOUT = 15mA
COUT = 1µF
3.1 3.5 3.9 4.3 4.7
5.5
5.1
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100 1000
FREQUENCY (kHz)
Power Supply Rejection
Ratio LDO2 [IOUT=20mA]
IOUT = 20mA
VOUT = 2.8V
VIN = 3.6V
COUT = 1µF
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100 1000
FREQUENCY (kHz)
Power Supply Rejection
Ratio LDO2 [IOUT=1mA]
IOUT = 1mA
VOUT = 2.8V
VIN = 3.6V
COUT = 1µF
45
50
55
60
65
-40
TEMPERATURE (°C)
LDO1 Dropout Voltage
vs. Temperature
-20 0 20 40 60
120
100
80
IOUT = 150mA
VOUT = 2.8V
VIN = 3.6V
200
210
220
230
240
250
0
30
60
90
120
150
OUTPUT CURRENT (mA)
LDO1 Ground Current
vs. Output Current
VOUT = 2.8V
VIN = 3.6V
150
170
190
210
230
250
270
290
310
-40
TEMPERATURE (°C)
LDO1 Ground Current
vs. Temperature
-20 0 20 40 60
120
100
80
IOUT = 150mA
VOUT = 2.8V
VIN = 3.6V
2.76
2.77
2.78
2.79
2.80
2.81
LDO1 Line Regulation
INPUT VOLTAGE (V)
2.7 3.1 3.5 3.9 4.3 4.7
5.5
IOUT = 100mA
COUT = 2.2µF
5.1
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100 1000
FREQUENCY (kHz)
Power Supply Rejection
Ratio LDO1 [IOUT=5mA]
IOUT = 5mA
VOUT = 2.8V
VIN = 3.6V
COUT = 2.2µF
0
10
20
30
40
50
60
70
90
100
0.1
1
10
100
1000
FREQUENCY (kHz)
Power Supply Rejection
Ratio LDO1 [IOUT=100mA]
COUT = 2.2µF
VOUT = 2.8V
VIN = 3.6V
80
10
20
30
40
50
60
70
80
5
45
85
125
165
205
OUTPUT CURRENT (mA)
LDO1 Dropout Voltage
vs. Output Current
VOUT = 2.8V
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com