Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD50PIX170C6S Datasheet(PDF) 1 Page - StarPower Europe AG

Part # GD50PIX170C6S
Description  1700V/50A PIM in one-package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD50PIX170C6S Datasheet(HTML) 1 Page - StarPower Europe AG

  GD50PIX170C6S Datasheet HTML 1Page - StarPower Europe AG GD50PIX170C6S Datasheet HTML 2Page - StarPower Europe AG GD50PIX170C6S Datasheet HTML 3Page - StarPower Europe AG GD50PIX170C6S Datasheet HTML 4Page - StarPower Europe AG GD50PIX170C6S Datasheet HTML 5Page - StarPower Europe AG GD50PIX170C6S Datasheet HTML 6Page - StarPower Europe AG GD50PIX170C6S Datasheet HTML 7Page - StarPower Europe AG GD50PIX170C6S Datasheet HTML 8Page - StarPower Europe AG GD50PIX170C6S Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
GD50PIX170C6S
IGBT Module
©2019 STARPOWER Semiconductor Ltd.
1/21/2019
1/13
Preliminary
STARPOWER
SEMICONDUCTOR
IGBT
GD50PIX170C6S
1700V/50A PIM in one-package
General Description
STARPOWER IGBT Power Module provides ultra
low conduction loss as well as short circuit ruggedness.
They are designed for the applications such as
general inverters and UPS.
Features
Low VCE(sat) Trench IGBT technology
10μs short circuit capability
VCE(sat) with positive temperature coefficient
Maximum junction temperature 175
oC
Low inductance case
Fast & soft reverse recovery anti-parallel FWD
Isolated copper baseplate using DBC technology
Typical Applications
Inverter for motor drive
AC and DC servo drive amplifier
Uninterruptible power supply
Equivalent Circuit Schematic


Similar Part No. - GD50PIX170C6S

ManufacturerPart #DatasheetDescription
logo
StarPower Europe AG
GD50PIX120C5SN STARPOWER-GD50PIX120C5SN Datasheet
291Kb / 13P
1200V/50A PIM in one-package
2/18/2020
More results

Similar Description - GD50PIX170C6S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6MBI50UA-120 ETC-6MBI50UA-120 Datasheet
119Kb / 5P
1200V / 50A 6 in one-package
6MBI225U-170 ETC2-6MBI225U-170 Datasheet
138Kb / 5P
IGBT Module U-Series 1700V / 225A 6 in one-package
6MBI150U-170 ETC2-6MBI150U-170 Datasheet
151Kb / 5P
IGBT Module U-Series 1700V / 150A 6 in one-package
logo
Fuji Electric
6MBP50RJ120 FUJI-6MBP50RJ120 Datasheet
303Kb / 8P
1200V / 50A 6 in one-package
2MBI300VN-170-50 FUJI-2MBI300VN-170-50 Datasheet
542Kb / 6P
IGBT MODULE (V series) 1700V / 300A / 2 in one package
2MBI450VN-170-50 FUJI-2MBI450VN-170-50 Datasheet
547Kb / 6P
IGBT MODULE (V series) 1700V / 450A / 2 in one package
2MBI550VJ-170-50 FUJI-2MBI550VJ-170-50 Datasheet
611Kb / 6P
IGBT MODULE (V series) 1700V / 550A / 2 in one package
2MBI1000VXB-170E-50 FUJI-2MBI1000VXB-170E-50 Datasheet
462Kb / 7P
IGBT MODULE (V series) 1700V / 1000A / 2 in one package
2MBI650VXA-170E-50 FUJI-2MBI650VXA-170E-50 Datasheet
488Kb / 7P
IGBT MODULE (V series) 1700V / 650A / 2 in one package
logo
MacMic
MMG50S170B MACMIC-MMG50S170B Datasheet
1Mb / 6P
1700V 50A IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com