Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI6156 Datasheet(PDF) 1 Page - PLX Technology

Part # PCI6156
Description  Synchronous, 32-bit, 33MHz PCI-to-PCI Bridge for Video Capture Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PCI6156 Datasheet(HTML) 1 Page - PLX Technology

  PCI6156 Datasheet HTML 1Page - PLX Technology PCI6156 Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Synchronous, 32-bit, 33MHz PCI-to-PCI Bridge for Video Capture Applications
.
Connectivity
Support for up to ten PCI Masters
Synchronous Primary &
Secondary PCI Bus Operation
PCI revision 2.2 with VPD
support
Provides programmable
arbitration support for up to ten
bus masters on the secondary
interface
Five buffered secondary PCI
clock outputs
o Supports 32-bit I/O Address
range
o Supports 64-bit Memory
Address range
o ISA-Aware mode for legacy
support in the first 64 KB of
I/O Address range
o VGA addressing and VGA
palette snooping support
Supports 3.3V PCI with 5V
tolerant I/O
Industry-standard 206-pin Plastic
Quad Flat Pack (PQFP) package
Industry’s First and Only PCI-to-PCI Bridge that Supports up
to Ten PCI Devices
The PLX FastLane™ PCI 6156 PCI-to-PCI
Bridge is a 32-bit, 33MHz device capable of
supporting up to ten PCI devices. Targeted at the
video capture and surveillance add-in card
markets, the PCI 6156 brings unprecedented bridging, through support of the
greatest number of PCI loads, as well as cost savings and increased
performance, to OEM systems.
Total System Cost Savings
The PLX FastLane PCI 6156 reduces total system cost for OEM developers
because rather than needing two cards to support a large number of camera
feeds, only one card is needed. As an example, the typical PCI-to-PCI Bridge
supports four PCI loads. In order to support 8-10 cameras, at least two or
perhaps three, different cards need to be installed in order to address the load
requirements and stay within the PCI load tolerance. But with the FastLane
PCI 6156, only one card is required to support all ten cameras, thus reducing
the overall system add-in card cost by 50%-66%!
The additional cameras on a single card also provides for more system
efficiency. Since the PCI 6156 allows more cameras to be supported on a
single card, more cameras can be accommodated per system. Most surveillance
systems have six slots per system. Each slot can now host, rather than four
cameras, up to ten cameras each. This provides an increased system efficiency
of 40%. This efficiency equates to an overall reduced system cost, as only one,
rather than multiple, surveillance systems are required to support up to 60
cameras.
Performance
The PLX FastLane PCI 6156 offers increased PCI
throughput performance. The PCI 6156 optimizes
performance with “no retry penalty” flow and
uninterrupted zero wait state bursts (for up to
1KB packets). The no retry penalty flow
feature prohibits a requesting device from
being held off from the bus, and “re-tried”
while the PCI Bridge pursues the request
on the secondary bus. A typical retry
policy results in increased overall latency,
as the requesting device will have to continue to retry
the bus, wait until it gains access to the bus, and then subsequently get the data,
once the data is available.
PCI 6156
Version 1.0 2004


Similar Part No. - PCI6156

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PCI6150 PLX-PCI6150 Datasheet
167Kb / 1P
Asynchronous PCI-to-PCI Bridge
PCI6150-XX66BC PLX-PCI6150-XX66BC Datasheet
167Kb / 1P
Asynchronous PCI-to-PCI Bridge
PCI6152 PLX-PCI6152 Datasheet
168Kb / 1P
FastLane??PCI-to-PCI Bridge Chips
PCI6152-XX33BC PLX-PCI6152-XX33BC Datasheet
168Kb / 1P
FastLane??PCI-to-PCI Bridge Chips
PCI6152-XX33PC PLX-PCI6152-XX33PC Datasheet
168Kb / 1P
FastLane??PCI-to-PCI Bridge Chips
More results

Similar Description - PCI6156

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI2050 TI-PCI2050 Datasheet
335Kb / 81P
PCI-TO-PCI BRIDGE
logo
List of Unclassifed Man...
BT848 ETC-BT848 Datasheet
1Mb / 141P
Single-Chip Video Capture for PCI
logo
Texas Instruments
PCI2050B TI-PCI2050B Datasheet
410Kb / 87P
PCI-TO-PCI BRIDGE
logo
PLX Technology
PCI6350 PLX-PCI6350 Datasheet
883Kb / 2P
Asynchronous 32-bit PCI-to-PCI Bridge
logo
Intel Corporation
21150 INTEL-21150 Datasheet
1Mb / 164P
PCI-to-PCI Bridge
21152 INTEL-21152 Datasheet
1Mb / 148P
PCI-to-PCI Bridge
logo
Advantech Co., Ltd.
MIO-3140 ADVANTECH-MIO-3140 Datasheet
134Kb / 1P
Mini PCI Interface to SATA Storage Module Mini PCI Interface to Video Capture Module
logo
Texas Instruments
PCI2040 TI1-PCI2040_13 Datasheet
444Kb / 88P
PCI-to-PCI Bridge
PCI2050B TI1-PCI2050B_17 Datasheet
445Kb / 88P
PCI-to-PCI Bridge
PCI2050B TI-PCI2050B_V01 Datasheet
511Kb / 88P
PCI-to-PCI Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com