Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD75PIX65C5SN Datasheet(PDF) 6 Page - StarPower Europe AG

Part # GD75PIX65C5SN
Description  650V/75A PIM in one-package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD75PIX65C5SN Datasheet(HTML) 6 Page - StarPower Europe AG

Back Button GD75PIX65C5SN Datasheet HTML 2Page - StarPower Europe AG GD75PIX65C5SN Datasheet HTML 3Page - StarPower Europe AG GD75PIX65C5SN Datasheet HTML 4Page - StarPower Europe AG GD75PIX65C5SN Datasheet HTML 5Page - StarPower Europe AG GD75PIX65C5SN Datasheet HTML 6Page - StarPower Europe AG GD75PIX65C5SN Datasheet HTML 7Page - StarPower Europe AG GD75PIX65C5SN Datasheet HTML 8Page - StarPower Europe AG GD75PIX65C5SN Datasheet HTML 9Page - StarPower Europe AG GD75PIX65C5SN Datasheet HTML 10Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
GD75PIX65C5SN
IGBT Module
©2020 STARPOWER Semiconductor Ltd.
6/25/2020
6/13
Preliminary
Diode-brake Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VF
Diode Forward
Voltage
IC=20A,VGE=0V,Tj=25
oC
1.60
2.05
V
IC=20A,VGE=0V,Tj=125
oC
1.55
IC=20A,VGE=0V,Tj=150
oC
1.50
Qr
Recovered Charge
VR=300V,IF=20A,
-di/dt=1800A/μs,VGE=-15V
Tj=25
oC
1.00
μC
IRM
Peak Reverse
Recovery Current
30.0
A
Erec
Reverse Recovery
Energy
0.21
mJ
Qr
Recovered Charge
VR=300V,IF=20A,
-di/dt=1800A/μs,VGE=-15V
Tj=125
oC
1.75
μC
IRM
Peak Reverse
Recovery Current
32.0
A
Erec
Reverse Recovery
Energy
0.37
mJ
Qr
Recovered Charge
VR=300V,IF=20A,
-di/dt=1800A/μs,VGE=-15V
Tj=150
oC
2.20
μC
IRM
Peak Reverse
Recovery Current
34.0
A
Erec
Reverse Recovery
Energy
0.47
mJ
NTC Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
R25
Rated Resistance
5.0
kΩ
∆R/R
Deviation of R100
TC=100
oC,R100=493.3Ω
-5
5
%
P25
Power
Dissipation
20.0
mW
B25/50
B-value
R2=R25exp[B25/50(1/T2-
1/(298.15K))]
3375
K
B25/80
B-value
R2=R25exp[B25/80(1/T2-
1/(298.15K))]
3411
K
B25/100
B-value
R2=R25exp[B25/100(1/T2-
1/(298.15K))]
3433
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com