Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD75PIY120C6S Datasheet(PDF) 7 Page - StarPower Europe AG

Part # GD75PIY120C6S
Description  1200V/75A PIM in one-package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD75PIY120C6S Datasheet(HTML) 7 Page - StarPower Europe AG

Back Button GD75PIY120C6S Datasheet HTML 3Page - StarPower Europe AG GD75PIY120C6S Datasheet HTML 4Page - StarPower Europe AG GD75PIY120C6S Datasheet HTML 5Page - StarPower Europe AG GD75PIY120C6S Datasheet HTML 6Page - StarPower Europe AG GD75PIY120C6S Datasheet HTML 7Page - StarPower Europe AG GD75PIY120C6S Datasheet HTML 8Page - StarPower Europe AG GD75PIY120C6S Datasheet HTML 9Page - StarPower Europe AG GD75PIY120C6S Datasheet HTML 10Page - StarPower Europe AG GD75PIY120C6S Datasheet HTML 11Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
GD75PIY120C6S
IGBT Module
©2022 STARPOWER Semiconductor Ltd.
6/5/2022
7/13
A02
Module Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Min.
Typ.
Max.
Unit
LCE
Stray Inductance
60
nH
RCC’+EE’
RAA’+CC’
Module Lead Resistance,Terminal to Chip
4.00
2.00
mΩ
RthJC
Junction-to-Case (per IGBT-inverter)
Junction-to-Case (per Diode-inverter)
Junction-to-Case (per Diode-rectifier)
Junction-to-Case (per IGBT-brake)
Junction-to-Case (per Diode-brake)
0.394
0.602
0.618
0.685
1.233
K/W
RthCH
Case-to-Heatsink (per IGBT-inverter)
Case-to-Heatsink (per Diode-inverter)
Case-to-Heatsink (per Diode-rectifier)
Case-to-Heatsink (per IGBT-brake)
Case-to-Heatsink (per Diode-brake)
Case-to-Heatsink (per Module)
0.132
0.201
0.207
0.229
0.413
0.009
K/W
M
Mounting Torque, Screw:M5
3.0
6.0
N.m
G
Weight of Module
300
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com