Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP4064CX8LF Datasheet(PDF) 2 Page - NXP Semiconductors

Part # IP4064CX8LF
Description  Integrated SIM card passive filter array with ESD protection to IEC61000-4-2, level 4
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4064CX8LF Datasheet(HTML) 2 Page - NXP Semiconductors

  IP4064CX8LF Datasheet HTML 1Page - NXP Semiconductors IP4064CX8LF Datasheet HTML 2Page - NXP Semiconductors IP4064CX8LF Datasheet HTML 3Page - NXP Semiconductors IP4064CX8LF Datasheet HTML 4Page - NXP Semiconductors IP4064CX8LF Datasheet HTML 5Page - NXP Semiconductors IP4064CX8LF Datasheet HTML 6Page - NXP Semiconductors IP4064CX8LF Datasheet HTML 7Page - NXP Semiconductors IP4064CX8LF Datasheet HTML 8Page - NXP Semiconductors IP4064CX8LF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
IP4064CX8LF_IP4364CX8LF_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 12 November 2007
2 of 13
NXP Semiconductors
IP4064CX8/LF; IP4364CX8/LF
Integrated SIM card passive filter array with ESD protection
2.
Pinning information
2.1 Pinning
2.2 Pin description
3.
Ordering information
Fig 1.
Pin configuration IP4064CX8/LF
Fig 2.
Pin configuration IP4364CX8/LF
001aag227
IP4064CX8/LF
Transparent top view
bump A1
index area
A
23
1
B
C
001aag228
IP4364CX8/LF
Transparent top view
bump A1
index area
A
23
1
B
C
Table 1.
Pin description
Pin
Description
A2
external pin 1
A3
internal pin 1
B1
external pin 2
B2
ground
B3
internal pin 2
C1
external pin 3
C2
supply ESD protection
C3
internal pin 3
Table 2.
Ordering information
Type number
Package
Name
Description
Version
IP4064CX8/LF
WLCSP8
wafer level chip-size package; 8 bumps; 1.41
× 1.41 × 0.7 mm
IP4064CX8/LF
IP4364CX8/LF
WLCSP8
wafer level chip-size package; 8 bumps; 1.16
× 1.16 × 0.66 mm
IP4364CX8/LF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com