Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2210 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LPC2210
Description  16/32-bit ARM microcontrollers; flashless with 64 kB,with 10-bit ADC and external memory interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2210 Datasheet(HTML) 3 Page - NXP Semiconductors

  LPC2210 Datasheet HTML 1Page - NXP Semiconductors LPC2210 Datasheet HTML 2Page - NXP Semiconductors LPC2210 Datasheet HTML 3Page - NXP Semiconductors LPC2210 Datasheet HTML 4Page - NXP Semiconductors LPC2210 Datasheet HTML 5Page - NXP Semiconductors LPC2210 Datasheet HTML 6Page - NXP Semiconductors LPC2210 Datasheet HTML 7Page - NXP Semiconductors LPC2210 Datasheet HTML 8Page - NXP Semiconductors LPC2210 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
LPC2210_2220_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 2 October 2007
3 of 49
NXP Semiconductors
LPC2210/2220
16/32-bit ARM microcontrollers with external memory interface
4.
Block diagram
(1) When test/debug interface is used, GPIO/other functions sharing these pins are not available.
(2) Shared with GPIO.
Fig 1.
Block diagram
002aaa793
system
clock
SCL
P0[30:27], P0[25:0]
P2[31:0]
P1[31:16], P1[1:0]
P3[31:0]
SDA
CS3 to CS0(2)
A23 to A0(2)
BLS[3:0](2)
OE, WE(2)
D31 to D0(2)
TRST(1)
TMS(1)
TCK(1)
TDI(1)
TDO(1)
XTAL2
XTAL1
SCK0, SCK1
MOSI0, MOSI1
MISO0, MISO1
EINT3 to EINT0
4
× CAP0
4
× CAP1
4
× MAT1
4
× MAT0
AIN7 to AIN0
PWM6 to PWM1
SSEL0, SSEL1
TXD0, TXD1
RXD0, RXD1
DSR1, CTS1,
RTS, DTR
DCD1, RI1
AMBA AHB
(Advanced High-performance Bus)
AHB BRIDGE
TEST/DEBUG
INTERFACE
AHB
DECODER
AHB TO APB
BRIDGE
APB
DIVIDER
VECTORED
INTERRUPT
CONTROLLER
SYSTEM
FUNCTIONS
PLL
SPI AND SSP
SERIAL INTERFACES
0 AND 1
I2C SERIAL
INTERFACE
UART0/UART1
REAL TIME CLOCK
WATCHDOG
TIMER
SYSTEM
CONTROL
EXTERNAL
INTERRUPTS
GENERAL
PURPOSE I/O
PWM0
CAPTURE/
COMPARE
TIMER 0/TIMER 1
A/D CONVERTER
ARM7TDMI-S
LPC2210
LPC2220
INTERNAL
SRAM
CONTROLLER
16/64 kB
SRAM
APB (advanced
peripheral bus)
RESET
EXTERNAL MEMORY
CONTROLLER
ARM7 local bus
P0[30:27],
P0[25:0]
P1[31:16],
P1[1:0]
FAST GENERAL
PURPOSE I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com