Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDT600 Datasheet(PDF) 10 Page - Solid State Inc

Part # SDT600
Description  Small 6 pin DIP/SMD package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

SDT600 Datasheet(HTML) 10 Page - Solid State Inc

Back Button SDT600 Datasheet HTML 2Page - Solid State Inc SDT600 Datasheet HTML 3Page - Solid State Inc SDT600 Datasheet HTML 4Page - Solid State Inc SDT600 Datasheet HTML 5Page - Solid State Inc SDT600 Datasheet HTML 6Page - Solid State Inc SDT600 Datasheet HTML 7Page - Solid State Inc SDT600 Datasheet HTML 8Page - Solid State Inc SDT600 Datasheet HTML 9Page - Solid State Inc SDT600 Datasheet HTML 10Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 10 of 10
SDT600/H/S/TR
Rev 2.10 (01/22/2013)
001548
SDT600
DC Input
60V
Photo-Transistor Optocoupler
Solid State Optronics (SSO) makes no warranties or representations with regards to the completeness and accuracy of this document. SSO
reserves the right to make changes to product description, specifications at any time without further notices.
SSO shall not assume any liability arising out of the application or use of any product or circuit described herein. Neither circuit patent
licenses nor indemnity are expressed or implied.
Except as specified in SSO’s Standard Terms & Conditions, SSO disclaims liability for consequential or other damage, and we make no other
warranty, expressed or implied, including merchantability and fitness for particular use.
DISCLAIMER
SSO does not authorize use of its devices in life support applications wherein failure or malfunction of a device may lead to personal injury or
death. Users of SSO devices in life support applications assume all risks of such use and agree to indemnify SSO against any and all
damages resulting from such use. Life support devices are defined as devices or systems which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure to perform when used properly in accordance with instructions for use can be
reasonably expected to result in significant injury to the user, or (d) a critical component of a life support device or system whose failure can be
reasonably expected to cause failure of the life support device or system, or to affect its safety or effectiveness.
LIFE SUPPORT POLICY
SDT600 Package Marking
SDT600
YWW
Date Code
Pin 1
A-E
CTR BIN Marking
may or may not be on
device.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com