Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40EPF06PBF Datasheet(PDF) 7 Page - International Rectifier

Part # 40EPF06PBF
Description  FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40EPF06PBF Datasheet(HTML) 7 Page - International Rectifier

  40EPF06PBF Datasheet HTML 1Page - International Rectifier 40EPF06PBF Datasheet HTML 2Page - International Rectifier 40EPF06PBF Datasheet HTML 3Page - International Rectifier 40EPF06PBF Datasheet HTML 4Page - International Rectifier 40EPF06PBF Datasheet HTML 5Page - International Rectifier 40EPF06PBF Datasheet HTML 6Page - International Rectifier 40EPF06PBF Datasheet HTML 7Page - International Rectifier 40EPF06PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
40EPF06PbF QUIET
IR Series
Bulletin I2171 10/04
www.irf.com
Ordering Information Table
40
E
P
F
06
PbF
Device Code
1
5
2
4
3
1
-
Current Rating (40 = 40A)
2
-
Circuit Configuration:
E = Single Diode
3
-
Package:
P = TO-247AC (Modified)
4
-
Type of Silicon:
F = Fast diode
5
-
Voltage rating (06 = 600V)
6
-
! none = Standard Production
! PbF = Lead-Free
40EPF06
********************************************
* SPICE Model Diode
*
********************************************
.SUBCKT 40EPF06 ANO CAT
D1 ANO 1 CAT
*Define diode model
.MODEL DMOD D(Is=122.1E-06 N=3.087 Rs=2.709E-03 Ikf=9.017 Xti=3 Eg=1.11
Cjo=550.8E-12 M=.272 Vj=1.523 Fc=.5 Isr=1.92E-21 Nr=4.755 Bv=730 +Ibv=35.43E-06)
********************************************
.ENDS 40EPF06
Thermal Model Subcircuit
.SUBCKT 40EPF06 5 1
CTHERM1
5
4
8.75E-04
CTHERM2
4
3
6.85E+00
CTHERM3
3
2
2.07E+01
CTHERM4
2
1
7.97E+01
RTHERM1
5
4
1.00E-07
RTHERM2
4
3
3.94E-01
RTHERM1
3
2
1.81E-01
RTHERM1
2
1
2.40E-02
.ENDS 40EPF06
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com