Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9535PW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9535PW
Description  16-bit I2C-bus and SMBus, low power I/O port with interrupt
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9535PW Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9535PW Datasheet HTML 1Page - NXP Semiconductors PCA9535PW Datasheet HTML 2Page - NXP Semiconductors PCA9535PW Datasheet HTML 3Page - NXP Semiconductors PCA9535PW Datasheet HTML 4Page - NXP Semiconductors PCA9535PW Datasheet HTML 5Page - NXP Semiconductors PCA9535PW Datasheet HTML 6Page - NXP Semiconductors PCA9535PW Datasheet HTML 7Page - NXP Semiconductors PCA9535PW Datasheet HTML 8Page - NXP Semiconductors PCA9535PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1.
General description
The PCA9535 and PCA9535C are 24-pin CMOS devices that provide 16 bits of General
Purpose parallel Input/Output (GPIO) expansion for I2C-bus/SMBus applications and was
developed to enhance the NXP Semiconductors family of I2C-bus I/O expanders. The
improvements include higher drive capability, 5 V I/O tolerance, lower supply current,
individual I/O configuration, and smaller packaging. I/O expanders provide a simple
solution when additional I/O is needed for ACPI power switches, sensors, push buttons,
LEDs, fans, etc.
The PCA9535 and PCA9535C consist of two 8-bit Configuration (Input or Output
selection), Input, Output and Polarity Inversion (active HIGH or active LOW operation)
registers. The system master can enable the I/Os as either inputs or outputs by writing to
the I/O configuration bits. The data for each input or output is kept in the corresponding
Input or Output register. The polarity of the read register can be inverted with the Polarity
Inversion register. All registers can be read by the system master. Although pin-to-pin and
I2C-bus address compatible with the PCF8575, software changes are required due to the
enhancements and are discussed in
Application Note AN469.
The PCA9535 is identical to the PCA9555 except for the removal of the internal I/O pull-up
resistor which greatly reduces power consumption when the I/Os are held LOW.
The PCA9535C is identical to the PCA9535 except that all the I/O pins are
high-impedance open-drain outputs.
The PCA9535 and PCA9535C open-drain interrupt output is activated when any input
state differs from its corresponding Input Port register state and is used to indicate to the
system master that an input state has changed. The power-on reset sets the registers to
their default values and initializes the device state machine.
Three hardware pins (A0, A1, A2) vary the fixed I2C-bus address and allow up to eight
devices to share the same I2C-bus/SMBus. The fixed I2C-bus address of the PCA9535
and PCA9535C are the same as the PCA9555 allowing up to eight of these devices in any
combination to share the same I2C-bus/SMBus.
2.
Features
I Operating power supply voltage range of 2.3 V to 5.5 V
I 5 V tolerant I/Os
I Polarity Inversion register
I Active LOW interrupt output
I Low standby current
I Noise filter on SCL/SDA inputs
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
Rev. 03 — 4 October 2007
Product data sheet


Similar Part No. - PCA9535PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9535PW PHILIPS-PCA9535PW Datasheet
139Kb / 19P
16-bit I2C and SMBus, low power I/O port with interrupt
2003 Jun 27
logo
Texas Instruments
PCA9535PW TI-PCA9535PW Datasheet
834Kb / 35P
REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA9535PW NXP-PCA9535PW Datasheet
182Kb / 31P
16-bit I2C-bus and SMBus, low power I/O port with interrupt
Rev. 05-15 September 2008
logo
Texas Instruments
PCA9535PW TI1-PCA9535PW Datasheet
1Mb / 42P
SMBus Low-Power I/O Expander
PCA9535PWE4 TI-PCA9535PWE4 Datasheet
834Kb / 35P
REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results

Similar Description - PCA9535PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9535 PHILIPS-PCA9535 Datasheet
139Kb / 19P
16-bit I2C and SMBus, low power I/O port with interrupt
2003 Jun 27
PCA9555 PHILIPS-PCA9555 Datasheet
185Kb / 22P
16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555 Datasheet
212Kb / 17P
16-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9535 NXP-PCA9535_08 Datasheet
182Kb / 31P
16-bit I2C-bus and SMBus, low power I/O port with interrupt
Rev. 05-15 September 2008
PCA9555 NXP-PCA9555 Datasheet
583Kb / 34P
16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9534 NXP-PCA9534 Datasheet
163Kb / 25P
8-bit I2C-bus and SMBus low power I/O port with interrupt
Rev. 03-6 November 2006
PCA9539 NXP-PCA9539 Datasheet
191Kb / 31P
16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 July 2008
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9555D-T NXP-PCA9555D-T Datasheet
583Kb / 34P
16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
Pericom Semiconductor C...
PI4IOE5V9555 PERICOM-PI4IOE5V9555 Datasheet
127Kb / 1P
16-bit I2C-bus and SMBus I/O port with interrupt
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com