Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8052C25 Datasheet(PDF) 7 Page - SyncMOS Technologies,Inc

Part # SM8052C25
Description  8 - Bit Micro-controller with 4/8KB ROM embedded
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM8052C25 Datasheet(HTML) 7 Page - SyncMOS Technologies,Inc

Back Button SM8052C25 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM8052C25 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM8052C25 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM8052C25 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM8052C25 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM8052C25 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM8052C25 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM8052C25 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM8052C25 Datasheet HTML 11Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
May 2001
Specifications subject to change without notice,contact your sales representatives for the most recent information.
7/16
Ver 1.1
SM8051/8052 07/2005
SyncMOS Technologies Inc.
SM8051/80952
Operating Conditions
Symbol
Description
Min.
Typ.
Max.
Unit.
Remarks
TA
Operating temperature
0
25
70
oC
Ambient temperature under bias
TS
Storage temperature
-55
25
155
oC
VCC5
Supply voltage
4.5
5.0
5.5
V
For C Version
VCC3
Supply voltage
3
3.3
3.6
V
For L Version
Fosc 25
Oscillator Frequency
3.0
25
25
MHz For 5V, 3.3V application
Fosc 40
Oscillator Frequency
3.0
40
40
MHz For 5V application
Symbol
Parameter
Valid
VIL1
Input Low Voltage
port 0,1,2,3,4,#EA
VIL2
Input Low Voltage
RES, XTAL1
VIH1
Input High Voltage
port 0,1,2,3,4,#EA
VIH2
Input High Voltage
RES, XTAL1
VOL1
Output Low Voltage
port 0, ALE, #PSEN
VOL2
Output Low Voltage
port 1,2,3,4
VOH1
Output High Voltage
port 0
VOH2
Output High Voltage
port 1,2,3,4,ALE,#PSEN
IIL
Logical 0 Input Current
port 1,2,3,4
ITL
Logical Transition Current
port 1,2,3,4
ILI
Input Leakage Current
port 0, #EA
R RES
Reset Pulldown Resistance
RES
C IO
Pin Capacitance
I CC
Power Supply Current
Vdd
DC Characteristics
(12MHz, typical operating conditions, valid for SM8051/8052 series)
+
Min.
Max.
Unit
Test Conditions
-0.5
0
2.0
70%Vcc
2.4
90%Vcc
50
2.4
90%Vcc
0.8
0.8
Vcc+0.5
Vcc+0.5
0.45
0.45
-75
-650
10
300
10
7
4.5
10
V
V
V
V
V
V
V
V
V
V
uA
uA
uA
Kohm
pF
mA
mA
uA
IOL=8mA (5V) / IOL=6mA (3.3V)
IOL=6.5mA (5V) / IOL=6mA (3.3V)
IOH=-800uA (only for VCC=5V)
IOH=-80uA
IOH=-60uA (only for VCC=5V)
IOH=-10uA
Vin=0.45V
Vin=2.0V
0.45V<Vin<Vcc
Freq=1MHz, Ta=25 C
Active mode, 16MHz
Idle mode, 16MHz
Power down mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com