Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E910.01 Datasheet(PDF) 1 Page - ELMOS Semiconductor AG

Part # E910.01
Description  Low side driver (8 channel, serial interface)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E910.01 Datasheet(HTML) 1 Page - ELMOS Semiconductor AG

  E910.01 Datasheet HTML 1Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BUS IC
DC/DC CONVERTER
MOTOR DRIVER IC
RIPPLE COUNTER
56
BLOCK DIAGRAM
DRIVER IC
I/O IC
SENSOR IC
SENSOR INTERFACE IC
57
elmos product catalog june 2005
Note ELMOS Semiconductor AG (below ELMOS) reserves the right to make changes to the product contained in this publication without notice. ELMOS assumes no responsibility for the use of any
circuits described herein, conveys no licence under any patent or other right, and makes no representation that the circuits are free of patent infringement. While the information in this publication
has been checked, no responsibility, however, is assumed for inaccuracies. ELMOS does not recommend the use of any of its products in life support applications where the failure or malfunction of
the product can reasonably be expected to cause failure of a life-support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications.
Copyright © 2005 ELMOS Reproduction, in part or whole, without the prior written consent of ELMOS, is prohibited.
www.elmos.de | sales@elmos.de
PINNING
PACKAGE
ÿ Low side driver 8x, serial
Low side driver 8x, parallel
LCD controller
ÿ Low side driver (8 channel, serial interface)
E910.01
FEATURES
ÿ Supply voltage range VDD 4.5V to 5.5V
ÿ Low standby current (typical < 1µA)
ÿ Serial structure for direct µC interfacing
ÿ Cascadable
ÿ Output status detection
ÿ TTL - compatible input levels with threshold
hysteresis
ÿ 8 high current outputs
(RON typ. 1.5 Ý / Imax=350mA)
ÿ Wide output operating voltage range
(5.5 to 25.5V)
ÿ Output open- and short - circuit detection
ÿ Individual output short - circuit protection
ÿ Thermal overload protection
ÿ –40°C to +125°C operating temperature
ÿ SO20w package
APPLICATION
Driver for:
ÿ Relays
ÿ Lamps / LEDs
ÿ DC and stepper motors
DESCRIPTION
The IC is developed for automotive applications and can also
be used in several other application areas. The IC is well suited
to drive relays, lamps, bus systems etc. with medium power
consumption.
The device provides a serial data bus for comunication with a µC
and 8 identical power drivers. All outputs are short circuit pro-
tected. A thermal shut-off protects the device against thermal
overload. Readback capability enables fault detection as well as
simple switch monitoring.
µC
8
8
8
Interface
control
Logic
OVLD
Prot.
OUT 0
...7
VDD
VDD
Reset
CE
SCLK
SI
SO
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
TEST
OUT3
OUT2
OUT1
OUT0
CE
SCLK
SI
GND
GND
NC
OUT4
OUT5
OUT6
OUT7
RESET
VDD
SO
GND
Pin Name
Description
1
GND
Ground
2
TEST
Connect to ground
3
OUT3
Open - drain low - side driver
4
OUT2
Open - drain low - side driver
5
OUT1
Open - drain low - side driver
6
OUT0
Open - drain low - side driver
7
CE
Open - drain low - side driver
8
SCLK
Chip enable - active low (output data is read
back on the falling edge of the pulse and only
after 8x n falling edges on SCLK is the output
data clocked on the next rising edge)
9
SI
Serial clock input
10
GND
Serial data input
11
GND
Ground
12
SO
Ground
13
VDD
Serial data output (high impendence when CE = High)
14
RESET
Supply voltage
15
OUT7
External reset - active low (= internal power on reset)
16
OUT6
Open - drain low - side driver
17
OUT5
Open - drain low - side driver
18
OUT4
Open - drain low - side driver
19
NC
Not connected
20 GND
Ground


Similar Part No. - E910.01

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.01 ELMOS-E910.01_11 Datasheet
668Kb / 17P
Low side dri ver (8 channel , serial inter face )
More results

Similar Description - E910.01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2603 TI-TPIC2603 Datasheet
243Kb / 17P
6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
logo
ELMOS Semiconductor AG
E910.32 ELMOS-E910.32 Datasheet
133Kb / 1P
Low side driver (8 channel, parallel interface)
logo
Texas Instruments
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
8 Channel Serial Interface Low-Side Driver
TPIC2603DWG4 TI-TPIC2603DWG4 Datasheet
577Kb / 19P
6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
8 Channel Serial Interface Low-Side Driver
DRV8860 TI-DRV8860_15 Datasheet
1Mb / 40P
DRV8860x 38-V 8-Channel Serial Interface Low-Side Driver
DRV8804 TI1-DRV8804_16 Datasheet
1Mb / 27P
Quad Serial Interface Low-Side Driver IC
DRV8806 TI1-DRV8806_16 Datasheet
1Mb / 27P
Quad Serial Interface Low-Side Driver IC
DRV8860 TI1-DRV8860_16 Datasheet
1Mb / 41P
8-Channel Serial Interface Low-Side Driver
logo
Monolithic Power System...
MP6606 MPS-MP6606 Datasheet
565Kb / 16P
60V, 8-Channel Low-Side Driver with Serial Interface and Fault Indication
Rev. 1.0 3/11/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com