Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B59100 Datasheet(PDF) 3 Page - EPCOS

Part # B59100
Description  Motor protection, single sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59100 Datasheet(HTML) 3 Page - EPCOS

  B59100 Datasheet HTML 1Page - EPCOS B59100 Datasheet HTML 2Page - EPCOS B59100 Datasheet HTML 3Page - EPCOS B59100 Datasheet HTML 4Page - EPCOS B59100 Datasheet HTML 5Page - EPCOS B59100 Datasheet HTML 6Page - EPCOS B59100 Datasheet HTML 7Page - EPCOS B59100 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TNTT
°C
R
(TNTT
∆T)
(VPTC
≤ 2.5 V)
Ω
R
(TNTT +
∆T)
(VPTC
≤ 2.5 V)
Ω
R
(TNTT + 15 K)
(VPTC
≤ 7.5 V)
Ω
R
(TNTT + 23 K)
(VPTC
≤ 2.5 V)
Ω
Ordering code
110
≤ 550
≥ 1330
≥ 4 k
-
B59100M1110A070
120
≤ 550
≥ 1330
≥ 4 k
-
B59100M1120A070
130
≤ 550
≥ 1330
≥ 4 k
-
B59100M1130A070
140
≤ 550
≥ 1330
≥ 4 k
-
B59100M1140A070
145
≤ 550
≥ 1330
≥ 4 k
-
B59100M1145A070
150
≤ 550
≥ 1330
≥ 4 k
-
B59100M1150A070
155
≤ 550
≥ 1330
≥ 4 k
-
B59100M1155A070
160
≤ 550
≥ 1330
≥ 4 k
-
B59100M1160A070
∆T = 7 K
170
≤ 570
≥ 570
-
≥ 10 k
B59100M1170A070
180
≤ 570
≥ 570
-
≥ 10 k
B59100M1180A070
190
≤ 570
≥ 570
-
≥ 10 k
B59100M1190A070
Color coding of litz wires (to DIN 44081)
TNTT
°C
Color
60
white/grey
70
white/brown
80
white/white
90
green/green
100
red/red
110
brown/brown
120
grey/grey
130
blue/blue
140
white/blue
145
white/black
150
black/black
155
blue/black
160
blue/red
170
white/green
180
white/red
190
black/grey
Sensors
Motor protection, single sensors
M1100
Page 3 of 8
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com