Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E910.71 Datasheet(PDF) 1 Page - ELMOS Semiconductor AG

Part # E910.71
Description  Sensorless position control of DC-motors, with drivers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E910.71 Datasheet(HTML) 1 Page - ELMOS Semiconductor AG

  E910.71 Datasheet HTML 1Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BUS IC
DC/DC CONVERTER
MOTOR DRIVER IC
RIPPLE COUNTER
48
BLOCK DIAGRAM
DRIVER IC
I/O IC
SENSOR IC
SENSOR INTERFACE IC
49
elmos product catalog june 2005
Note ELMOS Semiconductor AG (below ELMOS) reserves the right to make changes to the product contained in this publication without notice. ELMOS assumes no responsibility for the use of any
circuits described herein, conveys no licence under any patent or other right, and makes no representation that the circuits are free of patent infringement. While the information in this publication
has been checked, no responsibility, however, is assumed for inaccuracies. ELMOS does not recommend the use of any of its products in life support applications where the failure or malfunction of
the product can reasonably be expected to cause failure of a life-support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications.
Copyright © 2005 ELMOS Reproduction, in part or whole, without the prior written consent of ELMOS, is prohibited.
www.elmos.de | sales@elmos.de
PINNING
PACKAGE
ÿ Sensorless position control of DC-motors, with drivers
coming soon
E910.71
VBAT
µC
VDD
VS
CLK
MISO
MOSI
CS
DCO
DR
PROG
Ctrl.
Int.
supply/
charge
pump
VCP
Ripple Detection 1
Ripple Detection 2
Ripple Detection 3
MUX
6
6
6
6
6
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
M1
M4
M2
M5
M3
LP1
diag
LP2
LP3
M
M
M
M
M
FEATURES
ÿ 6 Half Bridges configurable to drive 3, 4, or
5 DC Motors
ÿ Half Bridges not needed for Motor Control may
drive other kinds of loads
ÿ Output Current max. 400 mA per Half Bridge
ÿ Three independend Pulse Detectors and Counters
ÿ Servo Control Positioning of Actuators
ÿ Excellent Positioning Performance
ÿ SPI for communication with µC
ÿ Short Circuit Protection
ÿ Over Temperature Protection
ÿ Battery Supply and 5V Monitor
ÿ Diagnostic Data via SPI
ÿ QFN 7*7 32 package
APPLICATION
ÿ Positioning of HVAC Flaps (according to
US patent 5,203,499 owned by BHTC)
DESCRIPTION
The IC features 6 configurable half bridges to drives up to 3 DC
motors simultaneously or up to 5 motors sequentially. 3 indepen-
dent pulse detection circuits convert the commutation current of
the motors into countable digital signals for positioning especial-
ly of HVAC flap actuators.
Via an SPI a µC sends motor address, direction, and pulse count
command to the device. The corresponding motor will then be
driven to the desired position, and the actual number of counts
is sent back to the µC.
Diagnostic data such as over current, over temperature, and mo-
tor stall is also transmitted via the SPI.
An open drain low side output indicates when a required motor
position is reached or diagnostic data is available.
ICs can be connected in a daisy chain.
Pin Name
Description
1
GND
Ground
2
CSOB
Chip select input/daisy chain out
3
DRB
Data ready flag output, open drain
4
TPIN
Test input, connect to GND
5
TMODE
Test input, connect to GND
6
GND
Ground
7
VDD
5V supply input
8
GND
Ground
9
TEST
Test mode, connect to ground
10
CLP1
Low pass filter capacitor for ripple detection 1
11
CLP2
Low pass filter capacitor for ripple detection 2
12
CLP3
Low pass filter capacitor for ripple detection 3
13
VBAT
Battery supply
14
OUT1
Output half bridge 1
15
PGND
Power ground
16
CCP
External charge pump capacitor
17
GND
Ground
18
OUT2
Output half bridge 2
19
PGND
Power ground
20 OUT3
Output half bridge 3
21
VBAT
Battery supply
22
OUT4
Output half bridge 4
23
PGND
Power ground
24
OUT5
Output half bridge 5
25
GND
Ground
26
VS
Battery supply
27
OUT6
Output half bridge 6
28
PGND
Power ground
29 CLK
Clock input of SPI
30 CSB
Chip select input
31
RxD
Receive data input of SPI
32
TxD
Transmit data output of SPI
GND
VS
OUT6
PGND
CLK
CSB
RxD
TxD
25
26
27
28
29
30
31
32
24 23 22 21 20 19 18 17
1
2
3
4
5
6
7
8
CCP
PGND
OUT1
VBAT
CLP3
CLP2
CLP1
TEST
16
15
14
13
12
11
10
9
AVAILABILITY
Samples
Q4/2005
Series
Q2/2006
Position control
ÿ Position control+driver
Speed control
Ripple detection


Similar Part No. - E910.71

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.01 ELMOS-E910.01 Datasheet
122Kb / 1P
Low side driver (8 channel, serial interface)
E910.01 ELMOS-E910.01_11 Datasheet
668Kb / 17P
Low side dri ver (8 channel , serial inter face )
E910.02 ELMOS-E910.02 Datasheet
122Kb / 1P
Analog multiplexer 8:1
E910.05 ELMOS-E910.05 Datasheet
141Kb / 1P
K-Bus transceiver
E910.15 ELMOS-E910.15 Datasheet
105Kb / 1P
LIN- / K-Bus transceiver
More results

Similar Description - E910.71

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1670M SANYO-LB1670M Datasheet
129Kb / 5P
Driver for Brushless, Sensorless Motors
logo
STMicroelectronics
L9909 STMICROELECTRONICS-L9909 Datasheet
72Kb / 9P
DC MOTOR DRIVER WITH POSITION CONTROL
Feb-2001
logo
ELMOS Semiconductor AG
E910.40 ELMOS-E910.40 Datasheet
129Kb / 1P
Sensorless position control of DC-motors
E910.94 ELMOS-E910.94 Datasheet
128Kb / 1P
Sensorless speed control of DC-motors
logo
Zilog, Inc.
AN031102-0311 ZILOG-AN031102-0311 Datasheet
2Mb / 26P
Sensorless Brushless DC Motor Control with the Z16FMC MCU
logo
List of Unclassifed Man...
GV2P07 ETC-GV2P07 Datasheet
1Mb / 50P
Accurate and reliable control of motors
logo
Renesas Technology Corp
RX62T RENESAS-RX62T Datasheet
708Kb / 25P
Position Control of PMSM with Encoder
logo
STMicroelectronics
AN2502 STMICROELECTRONICS-AN2502 Datasheet
94Kb / 9P
Enhanced sensorless startup control of BLDC motors using ST7FMC
02-Mar-2007
logo
Sanken electric
SX68200M SANKEN-SX68200M Datasheet
1Mb / 69P
Sinusoidal 3-phase Brushless Motor Drivers with Sensorless Vector Control
logo
TDK Electronics
HVC4223F TDK-HVC4223F Datasheet
548Kb / 5P
Motor Drivers for Control of BLDC, BDC, or Stepper Motors
July 9, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com