Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC86D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AHC86D
Description  Quad 2-input EXCLUSIVE-OR gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC86D Datasheet(HTML) 2 Page - NXP Semiconductors

  74AHC86D Datasheet HTML 1Page - NXP Semiconductors 74AHC86D Datasheet HTML 2Page - NXP Semiconductors 74AHC86D Datasheet HTML 3Page - NXP Semiconductors 74AHC86D Datasheet HTML 4Page - NXP Semiconductors 74AHC86D Datasheet HTML 5Page - NXP Semiconductors 74AHC86D Datasheet HTML 6Page - NXP Semiconductors 74AHC86D Datasheet HTML 7Page - NXP Semiconductors 74AHC86D Datasheet HTML 8Page - NXP Semiconductors 74AHC86D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74AHC_AHCT86_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 15 November 2007
2 of 14
NXP Semiconductors
74AHC86; 74AHCT86
Quad 2-input EXCLUSIVE-OR gate
4.
Functional diagram
Fig 1.
Logic symbol
mna787
1A
1B
1Y
2
1
3
2A
2B
2Y
5
4
6
3A
3B
3Y
10
9
8
4A
4B
4Y
13
12
11
Fig 2.
Logic diagram (one gate)
Fig 3.
IEC logic symbol
mna788
Y
A
B
mna786
3
=1
=1
=1
=1
2
1
6
5
4
8
10
9
11
13
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com