Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG93A Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BFG93A
Description  NPN 6 GHz wideband transistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFG93A Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BFG93A Datasheet HTML 5Page - NXP Semiconductors BFG93A Datasheet HTML 6Page - NXP Semiconductors BFG93A Datasheet HTML 7Page - NXP Semiconductors BFG93A Datasheet HTML 8Page - NXP Semiconductors BFG93A Datasheet HTML 9Page - NXP Semiconductors BFG93A Datasheet HTML 10Page - NXP Semiconductors BFG93A Datasheet HTML 11Page - NXP Semiconductors BFG93A Datasheet HTML 12Page - NXP Semiconductors BFG93A Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NXP Semiconductors
Product specification
NPN 6 GHz wideband transistors
BFG93A; BFG93A/X
SPICE parameters for BFR91A(/X) die
SEQUENCE No.
PARAMETER
VALUE
UNIT
1
IS
1.328
fA
2
BF
102.0
3
NF
1.000
4
VAF
51.90
V
5
IKF
8.155
A
6
ISE
13.90
fA
7
NE
15.12
8
BR
17.69
9
NR
994.0
m
10
VAR
3.280
V
11
IKR
10.00
A
12
ISC
1.043
aA
13
NC
1.189
14
RB
10.00
15
IRB
1.000
µA
16
RBM
10.00
17
RE
763.6
m
18
RC
9.000
19 (note 1)
XTB
0.000
20 (note 1)
EG
1.110
EV
21 (note 1)
XTI
3.000
22
CJE
2.032
pF
23
VJE
600.0
mV
24
MJE
290.0
m
25
TF
6.557
ps
26
XTF
38.97
27
VTF
10.93
V
28
ITF
521.0
mA
29
PTF
0.000
deg
30
CJC
1.003
pF
31
VJC
340.8
mV
32
MJC
194.2
m
33
XCJC
120.0
m
34
TR
3.073
ns
35 (note 1)
CJS
0.000
F
Note
1. These parameters have not been extracted,
the default values are shown.
List of components (see Fig.19)
36 (note 1)
VJS
750.0
mV
37 (note 1)
MJS
0.000
38
FC
800.0
m
DESIGNATION
VALUE
UNIT
Cbe
84
fF
Ccb
17
fF
Cce
191
fF
L1
0.12
nH
L2
0.21
nH
L3
0.06
nH
LB
0.95
nH
LE
0.40
nH
SEQUENCE No.
PARAMETER
VALUE
UNIT
Fig.19 Package equivalent circuit SOT143B.
QLB = 50; QLE = 50.
QLB,E (f) = QLB,E √ (f/fc).
fc = scaling frequency = 1000 MHz.
handbook, halfpage
MBC964
B
E
C
B'
C'
E'
L B
L E
L3
L1
L2
C cb
Cbe
ce
C
Rev. 05 - 26 November 2007
10 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com