Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG520W/X Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BFG520W/X
Description  NPN 9 GHz wideband transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFG520W/X Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BFG520W/X Datasheet HTML 3Page - NXP Semiconductors BFG520W/X Datasheet HTML 4Page - NXP Semiconductors BFG520W/X Datasheet HTML 5Page - NXP Semiconductors BFG520W/X Datasheet HTML 6Page - NXP Semiconductors BFG520W/X Datasheet HTML 7Page - NXP Semiconductors BFG520W/X Datasheet HTML 8Page - NXP Semiconductors BFG520W/X Datasheet HTML 9Page - NXP Semiconductors BFG520W/X Datasheet HTML 10Page - NXP Semiconductors BFG520W/X Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
NXP Semiconductors
Product specification
NPN 9 GHz wideband transistors
BFG520W; BFG520W/X
Fig.10 Intermodulation distortion as a function
of collector current; typical values.
Vo = 275 mV; fp +fq − fr = 793.25 MHz; VCE =6V;
RL =75 Ω; Tamb =25 °C.
handbook, halfpage
MLB818
(dB)
010
20
40
40
30
50
60
70
30
d im
I
(mA)
C
Fig.11 Second order intermodulation distortion as a
function of collector current; typical values.
Vo = 75 mV; fp +fq = 810 MHz; VCE =6V;
RL =75 Ω Tamb =25 °C.
handbook, halfpage
MLB819
(dB)
010
20
40
40
30
50
60
70
30
d 2
I
(mA)
C
Fig.12 Minimum noise figure as a function
of collector current; typical values.
VCE =6V.
handbook, halfpage
MLB820
2
4
3
1
2
0
10
10
1
F
(dB)
I
(mA)
C
1000 MHz
f = 2000 MHz
500 MHz
900 MHz
Fig.13 Associated available gain as a function
of collector current; typical values.
VCE =6V.
handbook, halfpage
MLB821
2
20
15
5
10
0
10
10
1
G
(dB)
I
(mA)
C
ass
f = 900 MHz
1000 MHz
2000 MHz
Rev. 04 - 21 November 2007
7 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com