Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1743 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1743
Description  Y2K-Compliant, Nonvolatile Timekeeping
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1743 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1743 Datasheet HTML 1Page - Maxim Integrated Products DS1743 Datasheet HTML 2Page - Maxim Integrated Products DS1743 Datasheet HTML 3Page - Maxim Integrated Products DS1743 Datasheet HTML 4Page - Maxim Integrated Products DS1743 Datasheet HTML 5Page - Maxim Integrated Products DS1743 Datasheet HTML 6Page - Maxim Integrated Products DS1743 Datasheet HTML 7Page - Maxim Integrated Products DS1743 Datasheet HTML 8Page - Maxim Integrated Products DS1743 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DS1743/DS1743P Y2K-Compliant, Nonvolatile Timekeeping RAMs
4 of 16
PACKAGES
The DS1743 is available in two packages: the 28-pin DIP and the 34-pin PowerCap module. The 28-pin
DIP-style module integrates the crystal, lithium energy source, and silicon all in one package. The 34-pin
PowerCap Module Board is designed with contacts for connection to a separate PowerCap (DS9034PCX)
that contains the crystal and battery. This design allows the PowerCap to be mounted on top of the
DS1743P after the completion of the surface-mount process. Mounting the PowerCap after the surface-
mount process prevents damage to the crystal and battery due to the high temperatures required for solder
reflow. The PowerCap is keyed to prevent reverse insertion. The PowerCap Module Board and PowerCap
are ordered separately and shipped in separate containers. The part number for the PowerCap is
DS9034PCX.
TIME AND DATE OPERATION
The time and date information is obtained by reading the appropriate register bytes. Table 2 shows the
RTC registers. The time and date are set or initialized by writing the appropriate register bytes. The
contents of the time and date registers are in the BCD format. The day-of-week register increments at
midnight. Values that correspond to the day of week are user-defined, but must be sequential (i.e., if 1
equals Sunday, then 2 equals Monday and so on). Illogical time and date entries result in undefined
operation.
CLOCK OPERATIONS-READING THE CLOCK
While the double-buffered register structure reduces the chance of reading incorrect data, internal updates
to the DS1743 clock registers should be halted before clock data is read to prevent reading of data in
transition. However, halting the internal clock register updating process does not affect clock accuracy.
Updating is halted when a 1 is written into the read bit, bit 6 of the century register (see Table 2). As long
as a 1 remains in that position, updating is halted. After a halt is issued, the registers reflect the count that
is day, date, and time that was current at the moment the halt command was issued. However, the internal
clock registers of the double-buffered system continue to update so that the clock accuracy is not affected
by the access of data. All the DS1743 registers are updated simultaneously after the internal clock register
updating process has been re-enabled. Updating is within a second after the read bit is written to 0.
The READ bit must be a zero for a minimum of 500
μs to ensure the external registers are updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com