Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C8150B Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PI7C8150B
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150B Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PI7C8150B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI7C8150B Datasheet HTML 10Page - Pericom Semiconductor Corporation PI7C8150B Datasheet HTML 11Page - Pericom Semiconductor Corporation PI7C8150B Datasheet HTML 12Page - Pericom Semiconductor Corporation PI7C8150B Datasheet HTML 13Page - Pericom Semiconductor Corporation PI7C8150B Datasheet HTML 14Page - Pericom Semiconductor Corporation PI7C8150B Datasheet HTML 15Page - Pericom Semiconductor Corporation PI7C8150B Datasheet HTML 16Page - Pericom Semiconductor Corporation PI7C8150B Datasheet HTML 17Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 108 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 13 of 108
APRIL 2006 – Revision 2.02
Name
Pin #
Pin #
Type
Description
P_IRDY_L
82
T10
STS
Primary IRDY (Active LOW). Driven by the initiator
of a transaction to indicate its ability to complete current
data phase on the primary side. Once asserted in a data
phase, it is not de-asserted until the end of the data
phase. Before tri-stated, it is driven to a de-asserted
state for one cycle.
P_TRDY_L
83
R10
STS
Primary TRDY (Active LOW). Driven by the target
of a transaction to indicate its ability to complete current
data phase on the primary side. Once asserted in a data
phase, it is not de-asserted until the end of the data
phase. Before tri-stated, it is driven to a de-asserted state
for one cycle.
P_DEVSEL_L
84
P10
STS
Primary Device Select (Active LOW). Asserted by the
target indicating that the device is accepting the
transaction. As a master, PI7C8150B waits for the
assertion of this signal within 5 cycles of P_FRAME_L
assertion; otherwise, terminate with master abort. Before
tri-stated, it is driven to a de-asserted state for one cycle.
P_STOP_L
85
T11
STS
Primary STOP (Active LOW). Asserted by the target
indicating that the target is requesting the initiator to
stop the current transaction. Before tri-stated, it is driven
to a de-asserted state for one cycle.
P_LOCK_L
87
R11
STS
Primary LOCK (Active LOW). Asserted by the
master for multiple transactions to complete.
P_IDSEL
65
P6
I
Primary ID Select. Used as a chip select line for Type
0 configuration access to PI7C8150B configuration
space.
P_PERR_L
88
T12
STS
Primary Parity Error (Active LOW). Asserted when
a data parity error is detected for data received on the
primary interface. Before being tri-stated, it is driven to
a de-asserted state for one cycle.
P_SERR_L
89
P11
OD
Primary System Error (Active LOW). Can be driven
LOW by any device to indicate a system error condition.
PI7C8150B drives this pin on:
Address parity error
Posted write data parity error on target bus
Secondary S_SERR_L asserted
Master abort during posted write transaction
Target abort during posted write transaction
Posted write transaction discarded
Delayed write request discarded
Delayed read request discarded
Delayed transaction master timeout
This signal requires an external pull-up resistor for
proper operation.
P_REQ_L
47
P2
TS
Primary Request (Active LOW): This is asserted by
PI7C8150B to indicate that it wants to start a transaction
on the primary bus. PI7C8150B de-asserts this pin for at
least 2 PCI clock cycles before asserting it again.
P_GNT_L
46
R1
I
Primary Grant (Active LOW): When asserted,
PI7C8150B can access the primary bus. During idle and
P_GNT_L asserted, PI7C8150B will drive P_AD,
P_CBE, and P_PAR to valid logic levels.
P_RESET_L
43
P1
I
Primary RESET (Active LOW): When P_RESET_L is
active, all PCI signals should be asynchronously tri-
stated.
06-0044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com