Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF412C Datasheet(PDF) 2 Page - Texas Instruments

Part # LF412C
Description  DUAL JFET-INPUT OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LF412C Datasheet(HTML) 2 Page - Texas Instruments

  LF412C Datasheet HTML 1Page - Texas Instruments LF412C Datasheet HTML 2Page - Texas Instruments LF412C Datasheet HTML 3Page - Texas Instruments LF412C Datasheet HTML 4Page - Texas Instruments LF412C Datasheet HTML 5Page - Texas Instruments LF412C Datasheet HTML 6Page - Texas Instruments LF412C Datasheet HTML 7Page - Texas Instruments LF412C Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LF412C
DUAL JFET INPUT OPERATIONAL AMPLIFIER
SLOS010B − MARCH 1987 − REVISED AUGUST 1994
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VCC +
3.5
18
V
Supply voltage, VCC −
− 3.5
−18
V
electrical characteristics over operating free-air temperature range, VCC± =±15 V (unless otherwise
specified)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VIC = 0,
RS = 10 kΩ
25
°C
1
3
mV
αVIO
Average temperature coefficient of input offset
voltage
VIC = 0,
RS = 10 kΩ
10
20‡
µV/°C
IIO
Input offset current§
VIC = 0
25
°C
25
100
pA
IIO
Input offset current§
VIC = 0
70
°C
4
nA
IIB
Input bias current§
VIC = 0
25
°C
50
200
pA
IIB
Input bias current§
VIC = 0
70
°C
8
nA
VICR
Common-mode input voltage range
±11
− 11.5
to
14.5
V
VOM
Maximum peak output voltage swing
RL = 10 kΩ
±12 ±13.5
V
AVD
Large-signal differential voltage
VO = ± 10 V, RL = 2 kΩ
25
°C
25
200
V/mV
AVD
Large-signal differential voltage
VO = ± 10 V, RL = 2 kΩ
Full range
15
200
V/mV
ri
Input resistance
TA = 25°C
1012
Ω
CMRR
Common-mode rejection ratio
RS ≤ 10 kΩ
70
100
dB
kSVR
Supply-voltage rejection ratio
See Note 2
70
100
dB
ICC
Supply current
4.5
6.8
mA
† Full range is 0°C to 70°C.
‡ At least 90% of the devices meet this limit for αVIO.
§ Input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive. Pulse techniques
must be used that will maintain the junction temperatures as close to the ambient temperature as possible.
NOTE 2: Supply-voltage rejection ratio is measured for both supply magnitudes increasing or decreasing simultaneously.
operating characteristics, VCC± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO1/VO2
Crosstalk attenuation
f = 1 kHz
120
dB
SR
Slew rate
8
13
V/
µs
B1
Unity-gain bandwidth
2.7
3
MHz
Vn
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω
18
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
0.01
pA/
√Hz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com