Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF412CD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LF412CD
Description  DUAL JFET-INPUT OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LF412CD Datasheet(HTML) 1 Page - Texas Instruments

  LF412CD Datasheet HTML 1Page - Texas Instruments LF412CD Datasheet HTML 2Page - Texas Instruments LF412CD Datasheet HTML 3Page - Texas Instruments LF412CD Datasheet HTML 4Page - Texas Instruments LF412CD Datasheet HTML 5Page - Texas Instruments LF412CD Datasheet HTML 6Page - Texas Instruments LF412CD Datasheet HTML 7Page - Texas Instruments LF412CD Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LF412C
DUAL JFET INPUT OPERATIONAL AMPLIFIER
SLOS010B − MARCH 1987 − REVISED AUGUST 1994
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
D Low Input Bias Current...50 pA Typ
D Low Input Noise Current
0.01 pA/
√Hz Typ
D Low Supply Current . . . 4.5 mA Typ
D High Input impedance ...1012 Ω Typ
D Internally Trimmed Offset Voltage
D Wide Gain Bandwidth ...3 MHz Typ
D High Slew Rate . . . 13 V/µs Typ
description
This device is a low-cost, high-speed, JFET-input operational amplifier with very low input offset voltage and
a specified maximum input offset voltage drift. It requires low supply current yet maintains a large gain bandwidth
product and a fast slew rate. In addition, the matched high-voltage JFET input provides very low input bias and
offset currents.
The LF412C can be used in applications such as high-speed integrators, digital-to-analog converters,
sample-and-hold circuits, and many other circuits.
The LF412C is characterized for operation from 0
°C to 70°C.
symbol (each amplifier)
IN −
OUT
IN +
AVAILABLE OPTIONS
VIOmax
PACKAGE
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)
PLASTIC DIP
(P)
0
°C to 70°C
3 mV
LF412CD
LF412CP
The D packages are available taped and reeled. Add the suffix R to the
device type (ie., LF412CDR).
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC+
18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VCC−
−18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID
±30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI (see Note 1)
±15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of output short circuit
unlimited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
500 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating temperature range
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTE 1: Unless otherwise specified, the absolute maximum negative input voltage is equal to the negative power supply voltage.
Copyright
 1994, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
1OUT
1IN −
1IN+
VCC−
VCC+
2OUT
2IN −
2IN +
(TOP VIEW)
D OR P PACKAGE


Similar Part No. - LF412CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF412CD TI1-LF412CD Datasheet
382Kb / 10P
Dual JFET-INPUT Operational Amplifier
LF412CD TI2-LF412CD Datasheet
425Kb / 12P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
REVISED AUGUST 1994
LF412CD TI2-LF412CD Datasheet
425Kb / 12P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
REVISED AUGUST 1994
LF412CDE4 TI1-LF412CDE4 Datasheet
382Kb / 10P
Dual JFET-INPUT Operational Amplifier
LF412CDG4 TI1-LF412CDG4 Datasheet
382Kb / 10P
Dual JFET-INPUT Operational Amplifier
More results

Similar Description - LF412CD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-215 AD-OP-215 Datasheet
393Kb / 8P
DUAL PRECISION JFET-INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL092 TI-TL092 Datasheet
101Kb / 6P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
logo
Analog Devices
OP215 AD-OP215 Datasheet
162Kb / 8P
Dual Precision JFET-Input Operational Amplifier
4/02-REV.A
logo
Texas Instruments
TL092 TI-TL092_06 Datasheet
162Kb / 8P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LME49880 NSC-LME49880 Datasheet
502Kb / 14P
Dual JFET Input Audio Operational Amplifier
logo
Texas Instruments
LF353DRG4 TI-LF353DRG4 Datasheet
525Kb / 9P
JFET-INPUT DUAL OPERATIONAL AMPLIFIER
logo
Analog Devices
OP215GS AD-OP215GS Datasheet
145Kb / 8P
Dual Precision JFET-Input Operational Amplifier
REV. A
OP215 AD-OP215_15 Datasheet
163Kb / 8P
Dual Precision JFET-Input Operational Amplifier
REV. A
logo
Texas Instruments
LF412C TI1-LF412C Datasheet
382Kb / 10P
Dual JFET-INPUT Operational Amplifier
logo
Analog Devices
OP215 AD-OP215_17 Datasheet
193Kb / 9P
Dual Precision JFET-Input Operational Amplifier
23-Aug-2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com