Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G14 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC2G14
Description  Dual inverting Schmitt trigger with 5 V tolerant input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G14 Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC2G14 Datasheet HTML 1Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 2Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 3Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 4Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 5Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 6Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 7Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 8Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
74LVC2G14_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 4 September 2007
2 of 17
NXP Semiconductors
74LVC2G14
Dual inverting Schmitt trigger with 5 V tolerant input
4.
Ordering information
5.
Marking
6.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC2G14GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74LVC2G14GV
−40 °C to +125 °C
TSOP6
plastic surface-mounted package (TSOP6); 6 leads
SOT457
74LVC2G14GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
74LVC2G14GF
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1 × 0.5 mm
SOT891
Table 2.
Marking
Type number
Marking code
74LVC2G14GW
VK
74LVC2G14GV
V14
74LVC2G14GM
VK
74LVC2G14GF
VK
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
mnb082
1A
1Y
1
6
2A
2Y
3
4
mnb083
1
3
4
6
mnb084
2A
2Y
1A
1Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com