Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G66 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # 74LVC2G66
Description  Bilateral switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G66 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button 74LVC2G66 Datasheet HTML 15Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 16Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 17Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 18Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 19Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 20Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 21Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 22Page - NXP Semiconductors 74LVC2G66 Datasheet HTML 23Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
74LVC2G66_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 28 August 2007
21 of 23
NXP Semiconductors
74LVC2G66
Bilateral switch
13. Abbreviations
14. Revision history
Table 13.
Abbreviations
Acronym
Description
CMOS
Complementary Metal Oxide Semiconductor
TTL
Transistor-Transistor Logic
HBM
Human Body Model
ESD
ElectroStatic Discharge
MM
Machine Model
DUT
Device Under Test
Table 14.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
74LVC2G66_2
20070828
Product data sheet
-
74LVC2G66_1
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity guidelines
of NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Added type number 74LVC2G66GT (XSON8/SOT833-1 package).
• Added type number 74LVC2G66GM (XQFN86/SOT902-1 package).
• Section 2 “Features”:
Added: Switch handling capability of 32 mA.
Deleted: Complies with JESD-8 standards.
• Section 8 “Limiting values”
Added: Derating factors of the applicable packages.
• Section 10 “Static characteristics”
Changed: Maximum values of ON resistance (peak) parameters and graphics.
• Section 11 “Dynamic characteristics”:
Changed: Typical values of the charge injection.
74LVC2G66_1
20040629
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com