Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC4066 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC4066
Description  Quad bilateral switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC4066 Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC4066 Datasheet HTML 1Page - NXP Semiconductors 74LVC4066 Datasheet HTML 2Page - NXP Semiconductors 74LVC4066 Datasheet HTML 3Page - NXP Semiconductors 74LVC4066 Datasheet HTML 4Page - NXP Semiconductors 74LVC4066 Datasheet HTML 5Page - NXP Semiconductors 74LVC4066 Datasheet HTML 6Page - NXP Semiconductors 74LVC4066 Datasheet HTML 7Page - NXP Semiconductors 74LVC4066 Datasheet HTML 8Page - NXP Semiconductors 74LVC4066 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
74LVC4066_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 27 August 2007
2 of 22
NXP Semiconductors
74LVC4066
Quad bilateral switch
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC4066D
−40 °C to +125 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74LVC4066PW
−40 °C to +125 °C
TSSOP14
plastic thin small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74LVC4066BQ
−40 °C to +125 °C
DHVQFN14
plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 14 terminals;
body 2.5
× 3 × 0.85 mm
SOT762-1
Fig 1.
Logic symbol
Fig 2.
Logic symbol (IEEE/IEC)
mnb111
1Y
1Z
12
2Y
2Z
43
1E
13
3Y
3Z
89
4Y
4Z
11
10
3E
6
4E
12
2E
5
mnb112
12
13
#
43
5#
89
6#
11
10
(a)
12
#
12
13
1
X1
1
X1
1
X1
1
1
1
1
1
X1
#
43
5#
89
6#
11
10
(b)
12
#
Fig 3.
Logic diagram (one switch)
mna658
VCC
E
Y
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com