Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPCN384U Datasheet(PDF) 2 Page - Winbond

Part # WPCN384U
Description  Legacy-Reduced SuperI/O with Two Serial Ports, Parallel Port and GPIOs for Notebook and Docking Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WPCN384U Datasheet(HTML) 2 Page - Winbond

  WPCN384U Datasheet HTML 1Page - Winbond WPCN384U Datasheet HTML 2Page - Winbond WPCN384U Datasheet HTML 3Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.winbond.com
2
Revision 1.0
Features
Two Serial Ports (SP1 and SP2)
— Software compatible with the 16550A and the 16450
— Shadow register support for write-only bit monitoring
— UART data rates up to 1.5 Mbaud
IEEE 1284-Compliant Parallel Port
— ECP, with Level 2 (14 mA sink and source output
buffers)
— Software or hardware control
— Enhanced Parallel Port (EPP) compatible with EPP
1.7 and EPP 1.9
— Supports EPP as mode 4 of the Extended Control
Register (ECR)
— Selection of internal pull-up or pull-down resistor for
Paper End (PE) pin
— Supports a demand DMA mode mechanism and a
DMA fairness mechanism for improved bus utilization
— Protection circuit that prevents damage to the
parallel port when a printer connected to it is pow-
ered up or is operated at high voltages (in both
cases, even if the WPCN384U is in power-down
state)
21 General-Purpose I/O (GPIO) Ports
— Supports IRQ assertion
— Programmable drive type for each output pin (open-
drain, push-pull or output disable)
— Programmable option for internal pull-up resistor on
each input pin
— Output lock option
— Input debounce mechanism
LPC System Interface
— 8-bit I/O cycles
— LPCPD and CLKRUN support
— Implements PCI mobile design guide recommenda-
tion (PCI Mobile Design Guide 1.1, Dec. 18, 1998)
PC2001 and ACPI 3.0 Compliant
— PnP Configuration Register structure
— Flexible resource allocation for all logical devices
Relocatable base address
15 IRQ routing options
Optional 8-bit DMA channels (where applicable)
selected from four possible DMA channels
Clock Sources
— 14.318 MHz or 48 MHz clock input
— LPC clock, 0 or 30 MHz to 33 MHz
Strap Configuration
— Base Address (BADDR) strap to determine the base
address of the Index-Data register pair
— Strap Inputs to select testability mode
Power Supply
— 3.3V supply operation
— All pins are 5V tolerant, except LPC bus pins
— All pins are back-drive protected, except LPC bus pins
Testability
— XOR Tree
— TRI-STATE device pins
Internal Block Diagram
Serial Port
Bus
Interface
LPC Interface
I/O
Serial Port
Serial
Interface
GPIO Ports
Ports
Parallel Port Interface
Parallel Port
IEEE 1284
14.31818 MHz
Clock
Generator
48 MHz
Serial
Interface



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com