Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8902A Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8902A
Description  Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8902A Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8902A Datasheet HTML 1Page - Maxim Integrated Products MAX8902A Datasheet HTML 2Page - Maxim Integrated Products MAX8902A Datasheet HTML 3Page - Maxim Integrated Products MAX8902A Datasheet HTML 4Page - Maxim Integrated Products MAX8902A Datasheet HTML 5Page - Maxim Integrated Products MAX8902A Datasheet HTML 6Page - Maxim Integrated Products MAX8902A Datasheet HTML 7Page - Maxim Integrated Products MAX8902A Datasheet HTML 8Page - Maxim Integrated Products MAX8902A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Low-Noise 500mA LDO Regulators
in a 2mm x 2mm TDFN Package
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
BP, EN, IN, OUT, SELA, SELB, POK to GND, GS to GND, FB,
OUTS to GND .....................................................-0.3V to +6.0V
Output Short-Circuit Duration.....................................Continuous
Continuous Power Dissipation (TA = +70°C)
8-Pin, 2mm x 2mm TDFN
(derate 11.9mW/°C above +70°C) .............................953.5mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature........................................-40°C to +150°C
Storage Temperature.........................................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VIN = VEN = 5V, OUTS = OUT, circuit of Figure 2 (MAX8902A) and Figure 3 (MAX8902B), TA = -40°C to +125°C, unless otherwise
noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN
Input Voltage Range
1.7
5.5
V
Input Undervoltage Lockout
VIN rising, 100mV typical hysteresis
1.5
1.6
1.7
V
OUT
Output Voltage Range
VIN
≥ VOUT + 0.1V
0.6
5.3
V
Output Voltage Accuracy
VIN = 1.7V to 5.5V for VOUT
≤ 1.4V
VIN = (VOUT + 0.3V) to 5.5V for VOUT > 1.4V
IOUT = 0.1mA to 500mA
-1.5
+1.5
%
Load Regulation
IOUT = 0.1mA to 500mA
0.02
%
Line Regulation
VIN = 1.7V to 5.5V for VOUT
≤ 1.4V
VIN = (VOUT + 0.3V) to 5.5V for VOUT > 1.4V
IOUT = 200mA
0.04
%
VIN
≥ 3.6V, TA ≤ +85°C
50
100
VIN
≥ 3.6V, TA ≤ +125°C
120
Dropout Voltage
(Note 2)
IOUT = 500mA
VIN = 1.7V
150
mV
Current Limit
VOUT = 95% of regulation, VIN = VOUT + 0.5V
600
700
800
mA
Output Noise
IOUT = 100mA, f = 10Hz to 100kHz, CBP = 0.01µF
16
µVRMS
f = 5kHz
92
f = 10kHz
85
Power-Supply Rejection Ratio
IOUT = 10mA
f = 100kHz
62
dB
OUTS (MAX8902A Only)
OUTS Input Bias Current
In regulation
0.5
7.0
µA
FB (MAX8902B Only)
FB Threshold Accuracy
VIN = 1.7V to 5.5V, IOUT = 0.1mA to 500mA
0.591
0.600
0.609
V
TA = +25°C
-0.1
0.02
+0.1
FB Input Bias Current
VFB = 0.6V
TA = -40°C
0.03
µA
BP
BP Capacitor Range
Regulator remains stable
1
100
nF
BP Startup Current
From BP to GND during startup
50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com