Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9511CEG Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9511CEG
Description  RGBHV Driver with EMI Suppression
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9511CEG Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9511CEG Datasheet HTML 6Page - Maxim Integrated Products MAX9511CEG Datasheet HTML 7Page - Maxim Integrated Products MAX9511CEG Datasheet HTML 8Page - Maxim Integrated Products MAX9511CEG Datasheet HTML 9Page - Maxim Integrated Products MAX9511CEG Datasheet HTML 10Page - Maxim Integrated Products MAX9511CEG Datasheet HTML 11Page - Maxim Integrated Products MAX9511CEG Datasheet HTML 12Page - Maxim Integrated Products MAX9511CEG Datasheet HTML 13Page - Maxim Integrated Products MAX9511CEG Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
RGBHV Driver with EMI Suppression
10
______________________________________________________________________________________
Vertical and Horizontal SYNC
The MAX9511 has separate, noninverting, vertical and
horizontal sync buffers. Both sync inputs can level-shift
an input as low as 2.3V to a 5V output. Both sync drivers
have hysteresis at their input to prevent “chatter” in their
outputs. The sync output drivers have a 55Ω (typ) out-
put impedance (RSO) to match the cable impedance
used for vertical and horizontal sync in most applica-
tions. Both sync inputs are pulled to DGND through a
47kΩ resistor if the controller’s SYNC source goes high
impedance, or if the inputs are left floating, avoiding
ambiguous output conditions.
EMI can result from rapid transitions of the sync or the
video signals. To reduce the rise and fall times of the
sync signal, additional capacitance may be added to
the sync outputs. Adding additional capacitance may
require “recentering” the display.
Display Data Channel (DDC)
The MAX9511 bidirectional display data channel (DDC)
level translator allows for a lower voltage video controller
logic to operate with a higher voltage external monitor
logic. Power supplied at VDD2 defines the DDC input
voltage thresholds while power supplied at VDD1 defines
the DDC output thresholds. Two Schottky-clamped npn
transistors shift the lower level DDC inputs to higher
logic-level outputs.
DDC_CLK_OUT and DDC_DATA_OUT are pulled to
VDD1 by internal pullup resistors to prevent ambiguous
conditions when left floating. At shutdown, DDC inputs
can still respond to external commands.
Slew-Rate Limiting
The MAX9511 outputs are slew-rate limited to reduce
EMI. Slew-rate limiting affects the large-signal bandwidth
(LSBW) more than the small-signal bandwidth (SSBW),
and can be scaled according to the following formula:
where VOUT is the output signal’s peak-to-peak voltage
and LSBW(-3dB) is the -3dB bandwidth.
The slew rate of the MAX9511 is controlled by a resistor
between RX and AGND. The resistor (RRX) can be var-
ied to optimize the EMI suppression to the display reso-
lution while preserving the display quality. The RRX
range is approximately 7kΩ for maximum slew rate and
50kΩ for minimum slew rate (see Figure 3). Slew-rate
limiting can be approximated by:
Shutdown
The MAX9511 features a low-power shutdown mode for
battery-powered/portable applications. Shutdown
reduces the quiescent current of the video and sync dri-
vers. Connecting SHDN to ground (DGND) disables the
outputs and places the MAX9511 into a low-power shut-
down mode. SHDN has a 330kΩ (typ) internal pulldown
resistor to DGND. Connect SHDN to VDD2 for normal
operation.
Applications Information
Customizing Slew Rates for
Different Resolutions
When the MAX9511 connects to devices of different
resolutions, different slew rates should be used. The
slew rate of the MAX9511 is adjustable by varying RRX
between 7kΩ and 50kΩ. By selecting a valid RRX value
for a resolution, the MAX9511 minimizes the EMI and
optimizes the video output quality. Shown are two con-
figurations to adjust slew rates using different RRX val-
ues for different video resolutions.
Figure 4 shows how to customize slew rates for three res-
olutions. This circuit provides three predetermined slew
rates by paralleling resistors to create three RRX values.
The combination is controlled by a digital command from
the video controller through a switch. This requires that
the sample clock rates used by different resolutions are
close. The sync bandwidth-limiting capacitors (CSYNC)
are set for the highest resolution.
(/
)
SR
R
Vs
=
1030
7000
RX
µ
()
LSBW
dB
R
V
=
××
3
2
S
OUT
π
SLEW RATE vs. RRX
RRX (kΩ)
40
30
10
20
200
400
600
800
1000
1200
1400
1600
0
050
Figure 3. Slew Rate vs. RRX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com