Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2280 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2280
Description  SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2280 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2280 Datasheet HTML 1Page - Diodes Incorporated AP2280 Datasheet HTML 2Page - Diodes Incorporated AP2280 Datasheet HTML 3Page - Diodes Incorporated AP2280 Datasheet HTML 4Page - Diodes Incorporated AP2280 Datasheet HTML 5Page - Diodes Incorporated AP2280 Datasheet HTML 6Page - Diodes Incorporated AP2280 Datasheet HTML 7Page - Diodes Incorporated AP2280 Datasheet HTML 8Page - Diodes Incorporated AP2280 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP2280
SINGLE CHANNEL SLEW RATE CONTROLLED LOAD
SWITCH
AP2280 Rev. 2
1 of 9
OCTOBER 2007
www.diodes.com
© Diodes Incorporated
•
Wide input voltage range: 1.5V – 6V
•
Low RDS(ON): 80mΩ typical @ 5V
•
Turn-on slew rate controlled
•
AP2280-1: 100us turn-on rise time
•
AP2280-2: 1ms turn-on rise time
•
Very low turn-on quiescent current: << 1uA
•
Fast load discharge pin
•
Temperature range -40ºC to 85°C
•
Green Package: SOT25
•
SOT25: Available in “Green” Molding Compound
(No Br, Sb) (Note 1)
The AP2280 slew rate controlled load switch is a single P-channel
MOSFET power switch designed for high-side load-switching or
power distribution applications. The MOSFET has a typical RDS(ON)
of 80m
Ω at 5V, allowing increased load current handling capability
with a low forward voltage drop. The turn-on slew rate of the
device is controlled internally to reduce turn-on inrush current.
The AP2280 load switch is designed to operate from 1.5V to 6.0V,
making it ideal for 1.8V, 2.5V, 3.3V, and 5V systems. The typical
quiescent supply current is only 0.004uA, making it ideal for
battery powered distribution systems where power consumption is
a concern.
•
Smart Phones
•
Personal Digital Assistant (PDA)
•
Cell Phones
•
GPS Navigators
•
Bluetooth Headsets
•
PMP/MP4
•
Notebook and Pocket PC
Package
X X X
Packing
-7 : Taping & Reel
Lead Free
G: Green
AP2280 -
W: SOT25
Turn-on rise time
1 : 100us
2 : 1 ms
X
Note:
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
7” Tape and Reel
Device
Package Code
Packaging
(Note 2)
Quantity
Part Number Suffix
AP2280-1W
W
SOT25
3000/Tape & Reel
-7
AP2280-2W
W
SOT25
3000/Tape & Reel
-7
Note:
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
Description
Applications
Ordering Information


Similar Part No. - AP2280

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2280 DIODES-AP2280 Datasheet
304Kb / 12P
Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
AP2280-1FMG-7 DIODES-AP2280-1FMG-7 Datasheet
304Kb / 12P
Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
AP2280-1WG-7 DIODES-AP2280-1WG-7 Datasheet
304Kb / 12P
Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
AP2280-2FMG-7 DIODES-AP2280-2FMG-7 Datasheet
304Kb / 12P
Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
AP2280-2WG-7 DIODES-AP2280-2WG-7 Datasheet
304Kb / 12P
Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
More results

Similar Description - AP2280

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
2006.11.1.4
logo
Diodes Incorporated
AP2281 DIODES-AP2281 Datasheet
247Kb / 9P
SINGLE SLEW RATE CONTROLLED LOAD SWITCH
AP2281 Rev. 1
logo
Advanced Analogic Techn...
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
Slew Rate Controlled Load Switch
logo
Diodes Incorporated
AP2280 DIODES-AP2280_09 Datasheet
304Kb / 12P
Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
AP2281 DIODES-AP2281_09 Datasheet
284Kb / 13P
Single Slew Rate Controlled Load Switch
AP2281 Rev. 4
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
Slew Rate Controlled Load Switch
logo
Diodes Incorporated
AP22913 DIODES-AP22913 Datasheet
901Kb / 17P
SINGLE SLEW RATE CONTROLLED LOAD SWITCH
May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com