Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTM01 Datasheet(PDF) 4 Page - Analog Microelectronics

Part # ATTM01
Description  Processor Thermal Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

ATTM01 Datasheet(HTML) 4 Page - Analog Microelectronics

  ATTM01 Datasheet HTML 1Page - Analog Microelectronics ATTM01 Datasheet HTML 2Page - Analog Microelectronics ATTM01 Datasheet HTML 3Page - Analog Microelectronics ATTM01 Datasheet HTML 4Page - Analog Microelectronics ATTM01 Datasheet HTML 5Page - Analog Microelectronics ATTM01 Datasheet HTML 6Page - Analog Microelectronics ATTM01 Datasheet HTML 7Page - Analog Microelectronics ATTM01 Datasheet HTML 8Page - Analog Microelectronics ATTM01 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AME, Inc.
4
ATTM01/ATTM02
Processor Thermal Monitor
Rev. B.01
Parameter
Symbol
Test Conditions
Min
Typ
Max Units
Supply Voltage
VCC
3
3.6
V
0.5
°C
9
Bits
VCC = 3.3V, TA =+25°C to +100°C,
TRJ = +60°C to +100°C
-1.0
+ 1.0
°C
VCC = 3.3V, TA =+25°C to +100°C,
TRJ = 0°C to +100°C
-3.0
+ 3.0
°C
VCC = 3.3V, TA =+25°C to +100°C,
TRJ = 0°C to +125°C
-5.0
+ 5.0
°C
VCC = 3.3V,
TA = +60°C to +100°C
-2.0
2.0
°C
VCC = 3.3V,
TA = 0°C to +100°C
-3.0
3.0
°C
Supply Sensitivity of Temperature Error
±0.2
°C/V
UVLO Hysteresis
120
mV
UVLO Threshold
Falling edge
2.62
V
Power-On-Reset (POR) Threshold
Rising edge
2.74
V
Power-On-Reset (POR) Hysteresis
120
mV
Standby Supply Current
SMBus static
7.8
µA
Operating Current
During conversion
0.53
mA
Conversion Time
tCONV
From stop bit to conversion completion
95
125
156
ms
Conversion Time Error
-25
+25
%
High level
75
100
140
Low level
7.5
10
14
ISINK = 1mA
0.4
V
ISINK = 4mA
0.6
V
Output High Leakage Current
VOH = 5.5V
1
µA
Logic Input Low Voltage
VIL
0.8
V
VCC = 3.0V
2.2
V
VCC = 5.5V
2.6
V
Input Leakage Current
ILEAK
VIN = GND or VCC
-1
1
µA
Output Low-Sink Current
ISINK
VOL = 0.6V
6
mA
Input Capacitance
CIN
5
pF
Logic Input High Voltage
Remote-Diode Source Current
Temperature Resolution
Remote Temperature Error
Local Temperature Error
IRJ
VIH
µA
ALERT, OVERT
SMBus-COMPATIBLE INTERFACE (SMBCLK AND SMBDATA)
Output Low Voltage
6. Electrical Specifications
(These specifications apply for V
CC = 3.3V and TA = +25
oC, unless otherwise noted.) (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com