Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTM02G Datasheet(PDF) 12 Page - Analog Microelectronics

Part # ATTM02G
Description  Processor Thermal Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

ATTM02G Datasheet(HTML) 12 Page - Analog Microelectronics

Back Button ATTM02G Datasheet HTML 8Page - Analog Microelectronics ATTM02G Datasheet HTML 9Page - Analog Microelectronics ATTM02G Datasheet HTML 10Page - Analog Microelectronics ATTM02G Datasheet HTML 11Page - Analog Microelectronics ATTM02G Datasheet HTML 12Page - Analog Microelectronics ATTM02G Datasheet HTML 13Page - Analog Microelectronics ATTM02G Datasheet HTML 14Page - Analog Microelectronics ATTM02G Datasheet HTML 15Page - Analog Microelectronics ATTM02G Datasheet HTML 16Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
AME, Inc.
12
ATTM01/ATTM02
Processor Thermal Monitor
Rev. B.01
Type
Position
Bits
I
Function
W/R
[7:0]
8
0
Remote diode temperature offset register to adjust
the decimated filter because of the PCB
placement, routing, and different thermal diode.
Two’s complement format.
Field
ROFFSET_DATA
Type
Position
Bits
I
Function
NA
[7:1]
7
0
Reserved. Not implemented.
WO
[0]
1
0
When want to reduce the supply current it can set bit
6 of register 9 configuration register to “1” and also
set this bit to “1” and then write to “0”, i.e., create a
one shot pulse. The ADC will be ceased operation
after measure one cycle per each remote/local diode.
ONESHOT_ADC
Field
Reserved
Type
Position
Bits
I
Function
W/O
[7:0]
8
0
Host set the remote diode low limit temperature value.
The default value is 0 ℃ and LSB represents 1 ℃.
Field
RLOW_DATA
9.15 Remote Diode Alerting Low Limit Temperature Register, Access Address:
“Command Index = Eh”
9.16 One Shot Register, Access Address:
“Command Index = Fh”
Type
Position
Bits
I
Function
NA
[7:1]
7
0
Reserved. Not implemented.
RO
[0]
1
0
The remote diode lower byte temperature data.
The LSB denotes 0.5 ℃.
Reserved
ADCREMOTE_DATA
Field
9.17 Remote Diode Lower Byte Temperature Register, Access Address:
“Command Index = 10h”
9.18 Remote Diode Temperature Offset Register, Access Address:
“Command Index = 11h”
9.19 Remote Diode Critical Temperature Limit Register, Access Address:
“Command Index = 19h”
Type
Position
Bits
I
Function
W/R
[7:0]
8
8’h6E
Remote diode critical temperature registers. The
default value is 110 ℃ and the LSB denotes 1 ℃.
Field
RCRITI_DATA
9.20 Local Diode Critical Temperature Limit Register, Access Address:
“Command Index = 20h”
Type
Position
Bits
I
Function
W/R
[7:0]
8
8’h55
Local diode critical temperatures register. The
default is 85 ℃ and the LSB denotes 1 ℃.
LCRITI_DATA
Field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com