Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF5761HA Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # CF5761HA
Description  CMOS Analog Clock IC with Alarm Function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5761HA Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  CF5761HA Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5761HA Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5761HA Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5761HA Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5761HA Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5761HA Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5761HA Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5761HA Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5761HA Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CF5761 series
SEIKO NPC CORPORATION —1
CMOS Analog Clock IC with Alarm Function
OVERVIEW
The CF5761 series are analog clock ICs with alarm functions that derive their timing from a standard
32.768kHz oscillator element. Two kinds of alarm output are available and can be selected using a control pin.
The series lineup comprises devices with various alarm patterns and motor outputs for a wide range of clock
specifications. They support convenient functions, such as input chattering elimination circuit and power-on
clear functions. They are fabricated using Molybdenum-gate CMOS process, realizing low power consump-
tion.
FEATURES
I
32.768kHz fundamental frequency oscillator
I
Feedback resistor and oscillator capacitor CD
built-in
I
Supports various alarms: piezo-alarm, electromag-
netic speaker
I
Snooze function
I
Switchable alarm function using SEL pin
I
Alarm auto-stop function (see series lineup)
I
Input chattering elimination circuit (SEL, AI, SN)
I
Test function
I
1.2 to 3.6V operating supply voltage
I
Molybdenum-gate CMOS process
I
Chip form (CF5761
××)
PAD LAYOUT
(Unit:
µm)
ORDERING INFORMATION
Chip size: 1.41
× 1.37mm
Chip thickness: 300 ± 30µm
Pad size: 100
× 100µm
Reverse side: VDD level
(0,0)
(1410, 1370)
HA5761
XTN
AO1
NPC
AO3 SEL
AO2
VSS
O2
O1
XT
SN
AI
TI
VDD
1
2
3
4
56
7
8
10
9
11
12
13
Device
Package
CF5761
××
Chip form


Similar Part No. - CF5761HA

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5760 NPC-CF5760 Datasheet
96Kb / 7P
CMOS Analog Clock IC
CF5762AB0 NPC-CF5762AB0 Datasheet
98Kb / 10P
Analog Chime Clock CMOS IC
More results

Similar Description - CF5761HA

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5732EA NPC-CF5732EA Datasheet
42Kb / 6P
Analog clock CMOS IC
CF5741AA NPC-CF5741AA Datasheet
56Kb / 7P
Analog Clock CMOS IC
CF5746AAB NPC-CF5746AAB Datasheet
56Kb / 7P
CMOS Analog Clock IC
CF5750A NPC-CF5750A Datasheet
113Kb / 4P
Analog Clock CMOS IC
CF5762AB0 NPC-CF5762AB0 Datasheet
98Kb / 10P
Analog Chime Clock CMOS IC
logo
NXP Semiconductors
PCF85063BTL NXP-PCF85063BTL Datasheet
533Kb / 53P
Tiny Real-Time Clock/calendar with alarm function and SPI-bus
Rev. 2-15 April 2013
logo
Nippon Precision Circui...
CF5760 NPC-CF5760 Datasheet
96Kb / 7P
CMOS Analog Clock IC
logo
ABLIC Inc.
S-82T1A ABLIC-S-82T1A Datasheet
692Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82U1A ABLIC-S-82U1A Datasheet
695Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82V1A ABLIC-S-82V1A Datasheet
689Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com