Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF5761LB Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # CF5761LB
Description  CMOS Analog Clock IC with Alarm Function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5761LB Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button CF5761LB Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5761LB Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5761LB Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5761LB Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5761LB Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5761LB Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5761LB Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5761LB Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5761LB Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CF5761 series
SEIKO NPC CORPORATION —9
Test Function
The CF5761 series have a test mode of operation where the output cycles are compressed. T1 has a built-in
chattering elimination circuit to prevent incorrect operation due to input chatter. When T1 goes HIGH for an
interval of 31.25ms or greater, test mode is invoked. When T1 becomes open circuit, normal mode operation
resumes immediately and a 256Hz signal is output on T1.
TYPICAL APPLICATION CIRCUITS
T1
Function
HIGH
Motor outputs: In step movement devices, the output runs 16 times faster with normal pulsewidth. In sweep movement devices,
the output runs 16 times faster with 50% duty pulsewidth.
Alarm outputs: Alarm operates at the same frequency with modulation frequency 16 times faster and step output changes 8 times
faster (CF5761EA, LB, NB) or 4 times faster (CF5761MB).
Snooze time, auto-stop time1: 281.25ms (CF5761EA, LB, NB) or 562.5ms (CF5761MB) in step output alarm mode, and
140.625ms in other modes.
1. The auto-stop time applies only to CF5761 versions that support the auto-stop function. See the series lineup table.
Open circuit
256Hz output (normal operation)
Piezo-electric speaker
Electromagnetic speaker
Motor bell
Melody alarm
XTN
X'tal
AO1
VDD
CG
XT
AO2
AI
SN
SEL
AO3
VSS
O1
O2
M
XTN
X'tal
AO1
VDD
CG
XT
AO2
AI
SN
SEL
AO3
VSS
O1
O2
M
XTN
X'tal
AO1
VDD
CG
XT
AO2
AI
SN
SEL
AO3
VSS
O1
O2
M
M
Motorbell
XTN
X'tal
AO1
VDD
CG
XT
AO2
AI
SN
SEL
AO3
VSS
O1
O2
M
VSS
F
VDD
Melody IC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com