Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXG1189AXR Datasheet(PDF) 2 Page - Sony Corporation

Part # CXG1189AXR
Description  High Power SPDT Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1189AXR Datasheet(HTML) 2 Page - Sony Corporation

  CXG1189AXR Datasheet HTML 1Page - Sony Corporation CXG1189AXR Datasheet HTML 2Page - Sony Corporation CXG1189AXR Datasheet HTML 3Page - Sony Corporation CXG1189AXR Datasheet HTML 4Page - Sony Corporation CXG1189AXR Datasheet HTML 5Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CXG1189AXR
- 2 -
Absolute Maximum Ratings
(Ta = 25°C)
・
Copper-clad lamination of glass board (4 layers) : 30mm square, t = 0.8mm, FR-4.
Note) Use this product without exceeding the PD value specified in this specification.
If it is used with exceeding the PD value even for a moment, the heat generated by the operation may
cause the degradation or breakdown of the product.
Control voltage
Vctl
5
V
Input power max. [824 to 915MHz]
36
dBm
[Duty cycle = 12.5 to 50%]
Input power max. [1710 to 1910MHz]
34
dBm [Duty cycle = 12.5 to 50%]
Input power max. [1920 to 1980MHz]
32
dBm
Operating temperature
Topr
–35 to +85
°C
Storage temperature
Tstg
–65 to +150
°C
Maximum power dissipation
PD
400
mW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com